Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7840 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HCPL7840 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1-251
DC Electrical Specifications
All specifications, typicals and figures are at the nominal operating conditions of VIN+ = 0 V, VIN- = 0 V,
TA =25°C, VDD1 = 5 V and VDD2 = 5 V, unless otherwise noted.
Parameter
Symbol
Min.
Typ. Max. Unit
Test Conditions
Fig.
Note
Input Offset Voltage
VOS
-1.2
-0.2
1.0
mV
1
2
-3.0
-0.2
2.0
-40
°C ≤ T
A ≤ 85°C
1,2,3
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
Gain
G
7.60
8.00
8.40
V/V
-200
≤ V
IN+ ≤ 200 mV
5
7.44
8.00
8.56
-200
≤ V
IN+ ≤ 200 mV
5,6,7
-40
°C ≤ T
A ≤ 85°C
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
200 mV Nonlinearity
NL200
0.1
0.2
%
-200
≤ V
IN+ ≤ 200 mV
5, 8
3
0.4
-200
≤ V
IN+ ≤ 200 mV
5,8,9
-40
°C ≤ T
A ≤ 85°C
10,12
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
100 mV Nonlinearity
NL100
0.05
0.1
-100
≤ V
IN+ ≤ 100 mV
5, 8
0.2
-100
≤ V
IN+ ≤ 100 mV
5,8,9
-40
°C ≤ T
A ≤ 85°C
11,12
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
Maximum Input Voltage
|VIN+|
320
mV
4
Before Output Clipping
Average Input Bias Current
IIN
-0.57
µA13
4
Average Input Resistance
RIN
480
k
Ω
Input DC Common-Mode
CMRRIN
69
dB
5
Rejection Ratio
Output Resistance
RO
1
Ω
Output Low Voltage
VOL
1.28
V
VIN+ = 400 mV
4
6
Output High Voltage
VOH
3.84
V
VIN+ = -400 mV
Output Common-Mode
VOCM
2.20
2.56
2.80
V
-400 < VIN+ < 400 mV
Voltage
Input Supply Current
IDD1
8.7
15.5
mA
14
Output Supply Current
IDD2
8.8
14.5
mA
15
Output Short-Circuit Current
|IOSC|11
mA
VOUT = 0 V or VDD2
7
-40
°C ≤ T
A ≤ 85°C
4.5
≤ (V
DD1, VDD2) ≤ 5.5 V
MAX
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Unit
Note
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltage
VIN+,VIN-
-200
200
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com