Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7840 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL7840 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1-250
Maximum Solder Reflow Thermal Profile
Regulatory Information
The HCPL-7840 has been
approved by the following
organizations:
UL Recognized under UL 1577,
Component Recognition
Program, File E55361.
CSA Approved under CSA
Component Acceptance Notice
#5, File CA 88324.
240
∆T = 115°C, 0.3°C/SEC
0
∆T = 100°C, 1.5°C/SEC
∆T = 145°C, 1°C/SEC
TIME – MINUTES
220
200
180
160
140
120
100
80
60
40
20
0
260
12
3
456789
10
11
12
(NOTE: USE OF NON-CHLORINE ACTIVATED FLUXES IS RECOMMENDED.)
Insulation and Safety Related Specifications
Parameter
Symbol
Value
Units
Conditions
Min. External Air Gap
L(IO1)
7.1
mm
Measured from input terminals to output
(External Clearance)
terminals, shortest distance through air.
Min. External Tracking Path
L(IO2)
7.4
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body.
Min. Internal Plastic Gap
0.08
mm
Through insulation distance, conductor to
(Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity.
Tracking Resistance
CTI
200
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking Index)
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Unit
Note
Storage Temperature
TS
-55
125
°C
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1, VDD2
0.0
5.5
V
Steady-State Input Voltage
VIN+, VIN-
-2.0
VDD1 +0.5
V
1
2 Second Transient Input Voltage
-6.0
Output Voltages
VOUT+, VOUT-
-0.5
VDD2 +0.5
V
Lead Solder Temperature
TLS
260
°C
(10 sec., 1.6 mm below seating plane)
Solder Reflow Temperature Profile
See Maximum Solder Reflow Thermal Profile Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com