Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7840 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL7840 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1-253
Figure 1. Input Offset Voltage Test Circuit.
Figure 2. Input Offset Change vs.
Temperature.
Figure 3. Input Offset Change vs.
VDD1 and VDD2.
VDD – SUPPLY VOLTAGE – V
0.2
0.1
4.6
0.3
4.8
5.0
5.2
TA = 25°C
-0.1
vs. VDD1 (VDD2 = 5 V)
4.4
5.6
5.4
vs. VDD2 (VDD1 = 5 V)
0
TA – TEMPERATURE – °C
0
-0.2
-0.6
-20
0.6
20
60
VDD1 = 5 V
VDD2 = 5 V
-0.8
0.2
0.4
-40
100
-0.4
040
80
Notes:
1. If VIN- is brought above VDD1 - 2 V
with respect to GND1 an internal test
mode may be activated. This test
mode is not intended for customer
use.
2. Exact offset value is dependent on
layout of external bypass capacitors.
The offset value in the data sheet
corresponds to HP’s recommended
layout (see Figures 25 and 26).
3. Nonlinearity is defined as half of the
peak-to-peak output deviation from
the best-fit gain line, expressed as a
percentage of the full-scale differen-
tial output voltage.
4. Because of the switched capacitor
nature of the sigma-delta A/D
converter, time-averaged values are
shown.
5. CMRRIN is defined as the ratio of the
gain for differential inputs applied
between pins 2 and 3 to the gain for
common mode inputs applied to both
pins 2 and 3 with respect to pin 4.
6. When the differential input signal
exceeds approximately 320 mV, the
outputs will limit at the typical values
shown.
7. Short-circuit current is the amount of
output current generated when either
output is shorted to VDD2 or ground.
HP does not recommend operation
under these conditions.
8. CMR (also known as IMR or Isolation
Mode Rejection) specifies the
minimum rate of rise of a common
mode noise signal applied across the
isolation boundary at which small
output perturbations begin to appear.
These output perturbations can occur
with both the rising and falling edges
of the common mode waveform and
may be of either polarity. A CMR
failure is defined as a perturbation
exceeding 200 mV at the output of
the recommended application circuit
(Figure 23). See applications section
for more information on CMR.
9. CMRR is defined as the ratio of
differential signal gain (signal applied
differentially between pins 2 and 3)
to the common mode gain (input pins
tied to pin 4 and the signal applied
between the input and the output of
the isolation amplifier) at 60 Hz,
expressed in dB.
10. Output noise comes from two primary
sources: chopper noise and sigma-
delta quantization noise. Chopper
noise results from chopper stabiliza-
tion of the output op-amps. It occurs
at a specific frequency (typically 500
kHz) and is not attenuated by the on-
chip output filter. The on-chip filter
does eliminate most, but not all, of
the sigma-delta quantization noise.
An external filter circuit may be
easily added to the external post-
amplifier to reduce the total RMS
output noise. See applications section
for more information.
11. Data sheet value is the amplitude of
the transient at the differential output
of the HCPL-7840 when a 1 VP-P,
1 MHz square wave with 100 ns rise
and fall times (measured at pins 1
and 8) is applied to both VDD1 and
VDD2.
12. In accordance with UL1577, each
isolation amplifer is proof tested by
applying an insulation test voltage
≥ 3000 V
RMS for 1 second (leakage
current detection limit II-O ≤ 5 µA).
13. Device considered a two terminal
device: Pins 1, 2, 3 and 4 connected
together; pins 5, 6, 7 and 8
connected together.
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7840
5
2
4
0.1 µF
10 K
10 K
VDD1
+15 V
0.1 µF
0.1 µF
-15 V
+
–
AD624CD
GAIN = 100
0.47
µF
0.47
µF
Figure 4. Output Voltages vs. Input
Voltage.
VIN – INPUT VOLTAGE – V
2.5
2.0
1.5
-0.4
4.0
-0.2
0
0.2
VDD1 = 5 V
VDD2 = 5 V
TA = 25°C
1.0
3.0
3.5
-0.6
0.6
0.4
POSITIVE
OUTPUT
NEGATIVE
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com