Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7840 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL7840 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1-248
H
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
HCPL-7840
Analog Isolation Amplifier
Technical Data
A 0.1 F bypass capacitor must be connected between pins 1 and 4 and between pins 5 and 8.
Features
• High Common Mode
Rejection (CMR): 15 kV/
µs
at VCM = 1000 V
• 5% Gain Tolerance
• 0.1% Nonlinearity
• Low Offset Voltage and Off-
set Temperature Coefficient
• 100 kHz Bandwidth
• Performance Specified Over
-40
°C to 85°C Temperature
Range
• Recognized Under UL 1577
and CSA Approved for
Dielectric Withstand Proof
Test Voltage of 2500 Vac, 1
Minute
• Standard 8-Pin DIP Package
Applications
• Motor Phase and Rail
Current Sensing
• Inverter Current Sensing
• Switched Mode Power
Supply Signal Isolation
• General Purpose Current
Sensing and Monitoring
• General Purpose Analog
Signal Isolation
Description
The HCPL-7840 isolation ampli-
fier provides accurate, electrically
isolated and amplified representa-
tions of voltage and current.
When used with a shunt resistor
in the current path, the HCPL-
7840 offers superior reliability,
cost effectiveness, size and
autoinsertability compared with
the traditional solutions such as
current transformers and Hall-
effect sensors.
The HCPL-7840 consists of a
sigma-delta analog-to-digital
converter optically coupled to a
digital-to-analog converter.
Superior performance in design
critical specifications such as
common-mode rejection, offset
voltage, nonlinearity, operating
temperature range and regulatory
compliance make the HCPL-7840
the clear choice for designing
reliable, lower-cost, reduced-size
products such as motor
controllers and inverters.
Common-mode rejection of
15 kV/
µs makes the HCPL-7840
suitable for noisy electrical
environments such as those
generated by the high switching
rates of power IGBTs.
Low offset voltage together with
a low offset voltage temperature
coefficient permits accurate use
of auto-calibration techniques.
Gain tolerance of 5% with 0.1%
nonlinearity further provide the
performance necessary for
accurate feedback and control.
A wide operating temperature
range with specified performance
allows the HCPL-7840 to be used
in hostile industrial environments.
Functional Diagram
1
2
3
4
8
7
6
5
IDD1
VDD1
VIN+
VIN–
GND1
IDD2
VDD2
VOUT+
VOUT–
GND2
+
–
+
–
SHIELD
5965-4784E


Similar Part No. - HCPL7840

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL7800 HP-HCPL7800 Datasheet
375Kb / 17P
High CMR Isolation Amplifiers
HCPL7820 HP-HCPL7820 Datasheet
228Kb / 15P
High CMR Analog Isolation Amplifiers
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
Isolation Amplifier with Short Circuit and Overload Detection
More results

Similar Description - HCPL7840

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Renesas Technology Corp
PS8551L4 RENESAS-PS8551L4 Datasheet
284Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551L4 CEL-PS8551L4 Datasheet
3Mb / 18P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8551AL4 RENESAS-PS8551AL4_15 Datasheet
367Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PS8551L4_15 RENESAS-PS8551L4_15_15 Datasheet
275Kb / 19P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
California Eastern Labs
PS8551AL4 CEL-PS8551AL4 Datasheet
942Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Renesas Technology Corp
PS8352AL2 RENESAS-PS8352AL2 Datasheet
430Kb / 20P
ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
logo
Greystone Energy System...
GT-AI GREYSTONE-GT-AI Datasheet
262Kb / 1P
ANALOG ISOLATION MODULE
GT-AI420 GREYSTONE-GT-AI420 Datasheet
226Kb / 1P
ANALOG ISOLATION MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com