Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL7840 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL7840
Description  Analog Isolation Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL7840 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL7840 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL7840 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
1-255
Figure 16. Common Mode Rejection
Test Circuit.
Figure 15. Output Supply Current vs.
Input Voltage.
Figure 18. Propagation Delays and
Rise/Fall Time vs. Temperature.
Figure 17. Propagation Delay, Rise/Fall Time and Bandwidth Test Circuit.
VIN+ – INPUT VOLTAGE – V
-4
-6
-8
-4
2
-2
0
2
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
TA = 25°C
-10
-2
0
-6
6
4
FS – FULL-SCALE INPUT VOLTAGE – V
0.50
5.00
±0.10
±0.20
VDD1 = 5 V
VDD2 = 5 V
0.01
TA = 85°C
0
±0.40
TA = -40°C
0.05
TA = 25°C
±0.30
VIN+ – INPUT VOLTAGE – V
9
11
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
6
TA = 85°C
-0.4
0.4
0.2
TA = -40°C
TA = 25°C
10
8
7
Figure 12. Nonlinearity vs. Full-Scale
Input Voltage.
Figure 13. Input Current vs. Input
Voltage.
Figure 14. Input Supply Current vs.
Input Voltage.
VIN+ – INPUT VOLTAGE – V
10.0
-0.2
0
VDD1 = 5 V
VDD2 = 5 V
VIN– = 0 V
8.0
TA = 85°C
-0.4
0.4
0.2
TA = -40°C
9.0
TA = 25°C
9.5
8.5
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7840
5
2
4
2 K
2 K
78L05
+15 V
0.1 µF
0.1 µF
-15 V
–
+
MC34081
150
pF
IN OUT
0.1
µF
0.1
µF
9 V
PULSE GEN.
VCM
+
–
10 K
10 K
150 pF
TA – TEMPERATURE – °C
9
-20
0
2
DELAY TO 90%
-40
100
20
RISE/FALL TIME
6
DELAY TO 50%
7
4
40
60
80
VIN– = 0 V
VIN+ = 0 TO 100 mV STEP
VDD1 = 5 V
VDD2 = 5 V
3
5
8
0.1 µF
VDD2
VOUT
8
7
6
1
3
HCPL-7840
5
2
4
2 K
2 K
+15 V
0.1 µF
0.1 µF
-15 V
–
+
MC34081
0.1 µF
10 K
10 K
0.01 µF
VDD1
VIN
VIN IMPEDANCE LESS THAN 10 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com