Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation SP6200 Datasheet HTML 10Page - Exar Corporation SP6200 Datasheet HTML 11Page - Exar Corporation SP6200 Datasheet HTML 12Page - Exar Corporation SP6200 Datasheet HTML 13Page - Exar Corporation SP6200 Datasheet HTML 14Page - Exar Corporation SP6200 Datasheet HTML 15Page - Exar Corporation SP6200 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
12/17
Rev. 2.1.0
Fig. 40: Power Supply Rejection Ratio
Fig. 41: Power Supply Rejection Ratio
THEORY OF OPERATION
GENERAL OVERVIEW
The SP6200 and SP6201 are CMOS LDOs
designed
to
meet
a
broad
range
of
applications that require accuracy, speed and
ease of use. These LDOs offer extremely low
quiescent current which only increases slightly
under load, thus providing advantages in
ground current performance over bipolar
LDOs. The LDOs handle an extremely wide
load range and guarantee stability with a 1μF
ceramic output capacitor. They have excellent
low frequency PSRR, not found in other CMOS
LDOs
and
thus
offer
exceptional
Line
Regulation. High frequency PSRR is better
than 40dB up to 400kHz. Load Regulation is
excellent
and
temperature
stability
is
comparable to bipolar LDOs. Thus, overall
system accuracy is maintained under all DC
and AC conditions. Enable feature is provided
on all versions. A Vout good indicator (RSN
pin) is provided in all the fixed output voltage
devices. An adjustable output version is also
available.
Current
Limit
and
Thermal
protection is provided internally and is well
controlled.
ARCHITECTURE
The SP6200 and SP6201 are only different in
their current limit threshold. The SP6200 has a
current limit of 140mA, while the SP6201
current limit is 420mA. The SP6201 can
provide pulsed load current of 300mA. The
LDOs have a two stage amplifier which
handles an extremely wide load range (10μA
to 300mA) and guarantees stability with a 1μF
ceramic load capacitor. The LDO amplifier has
excellent
gain
and
thus
touts
PSRR
performance not found in other CMOS LDOs.
The amplifier guarantees no overshoot on
power up or while enabled through the EN pin.
The amplifier also contains an active pull
down, so that when the load is removed
quickly
the
output
voltage
transient
is
minimal; thus output deviation due to load
transient is small and fairly well matched when
connecting and disconnecting the load.
An accurate 1.250V bandgap reference is
bootstrapped to the output in fixed output
versions of 2.7V and higher. This increases
both the low frequency and high frequency
PSRR. The adjustable version also has the
bandgap reference bootstrapped to the output,
thus the lowest externally programmable
output voltage is 2.7V. The 2.5V fixed output
version has the bandgap always connected to
the Vin pin. Unlike many LDOs, the bandgap
reference is not brought out for filtering by the
user. This tradeoff was made to maintain good
PSRR at high frequency (PSRR can be
degraded in a system due to switching noise
coupling into this pin). Also, often leakages of
the bypass capacitor or other components
cause an error on this high impedance
bandgap node. Thus, this tradeoff has been
made with "ease of use" in mind.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com