Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 4 Page - Exar Corporation

  SP6200 Datasheet HTML 1Page - Exar Corporation SP6200 Datasheet HTML 2Page - Exar Corporation SP6200 Datasheet HTML 3Page - Exar Corporation SP6200 Datasheet HTML 4Page - Exar Corporation SP6200 Datasheet HTML 5Page - Exar Corporation SP6200 Datasheet HTML 6Page - Exar Corporation SP6200 Datasheet HTML 7Page - Exar Corporation SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
4/17
Rev. 2.1.0
PIN ASSIGNMENT
Fig. 3: SP6200 / SP6201 Pin Assignment
PIN DESCRIPTION
SOT 23-5
Name
SOT-23-5
Description
IN
1
Power Supply Input
GND
2
Ground Terminal
EN
3
Enable/Shutdown Input – CMOS or TTL compatible Input
- Logic high = enable
- Logic low = shutdown
RST(Reset
not)/ADJ
4
Reset/Power Good - Fixed voltage option:
Open Drain indicating that VOUT is good.
Adjustable Input – Adjustable voltage option:
Adjustable regulator feedback input. Connect to a resistive voltage-
Divider network.
OUT
5
Regulator Output Voltage
8 PIN DFN
Name
DFN-8
Description
NC
1
No Connect
VIN
2
Power Supply Input
VOUT
3
Regulator Output Voltage
NC
4
No Connect
RESET/ADJ
5
Reset/Power Good - Fixed voltage option:
Open Drain indicating that VOUT is good.
Adjustable Input – Adjustable voltage option:
Adjustable regulator feedback input. Connect to a resistive voltage-
Divider network.
NC
6
No Connect
NC
7
No Connect
EN
8
Enable/Shutdown Input – CMOS or TTL compatible Input
- Logic high = enable
Logic low = shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com