Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 1 Page - Exar Corporation

  SP6200 Datasheet HTML 1Page - Exar Corporation SP6200 Datasheet HTML 2Page - Exar Corporation SP6200 Datasheet HTML 3Page - Exar Corporation SP6200 Datasheet HTML 4Page - Exar Corporation SP6200 Datasheet HTML 5Page - Exar Corporation SP6200 Datasheet HTML 6Page - Exar Corporation SP6200 Datasheet HTML 7Page - Exar Corporation SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
May 2012
Rev. 2.1.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP6200 and SP6201 are CMOS Low
Dropout (LDO) regulators designed to meet a
broad range of applications that require
accuracy, speed and ease of use.
These LDOs offer extremely low quiescent
current which only increases slightly under
load, thus providing advantages in ground
current performance over bipolar LDOs. The
LDOs handle an extremely wide load range
and guarantee stability with a 1μF ceramic
output capacitor. They have excellent low
frequency
Power
Supply
Rejection
Ratio
(PSRR), not found in other CMOS LDOs and
thus offer exceptional Line Regulation. High
frequency PSRR is better than 40dB up to
400kHz. Load Regulation is excellent and
temperature stability is comparable to bipolar
LDOs. An enable feature is provided on all
versions.
Both LDOs are available in fixed & adjustable
output voltage versions and come in an
industry standard 5-pin SOT-23 and small
2X3mm 8-pin DFN packages. A VOUT good
indicator is provided on all fixed output
versions.
APPLICATIONS
 Battery-Powered Systems
 Medical Equipments
 MP3/CD Players
 Digital Cameras
FEATURES
 100mA/200mA Output Current
 SP6200: 100mA – SP6201: 200mA
 Low Dropout Voltage: 160mV @ 100mA
 2.5V to 6.0V Input Voltage
 Fixed and Adjustable Output Voltage
 2% Output Voltage Accuracy
 Ultra Low Ground Current:
 200μA @ 200mA & 28μA @ 100μA Load
 Tight Load and Line Regulation
 78dB PSRR @ 1KHz
 RESET/Power Good Output
 Logic-Controlled Electronic Enable
 Unconditionally Stable with 1μF
Ceramic Capacitor
 Current Limit and Thermal Protection
 RoHS Compliant “Green”/Halogen Free
5-Pin SOT23 and 8-Pin DFN Packages
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP6200 / SP6201 Application Diagram


Similar Part No. - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-8 SIPEX-SP6200EM5-1-8 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
Micropower, 100mA and 200mA CMOS LDO Regulators
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
Micropower, 100mA CMOS LDO Regulator
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
1ch 200mA CMOS LDO Regulators
BU15TA2WNVX ROHM-BU15TA2WNVX_11 Datasheet
1Mb / 30P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201EM5-L-5-0 EXAR-SP6201EM5-L-5-0 Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
logo
Rohm
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
1ch 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6201ER-L EXAR-SP6201ER-L Datasheet
967Kb / 17P
100mA/200mA Micropower CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com