Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 3 Page - Exar Corporation

  SP6200 Datasheet HTML 1Page - Exar Corporation SP6200 Datasheet HTML 2Page - Exar Corporation SP6200 Datasheet HTML 3Page - Exar Corporation SP6200 Datasheet HTML 4Page - Exar Corporation SP6200 Datasheet HTML 5Page - Exar Corporation SP6200 Datasheet HTML 6Page - Exar Corporation SP6200 Datasheet HTML 7Page - Exar Corporation SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
3/17
Rev. 2.1.0
Parameter
Min.
Typ.
Max.
Units
Conditions
300
420
600
•
SP6201
Thermal Limit
162
°C
Turns On
147
Turns Off
Thermal Regulation6 (ΔVO/ΔPD)
0.05
%/W
Output Noise, (eNO)
150
µVrms
IL = 50mA, CL = 1µF
0.1µF from VOUT to Adj.
10Hz to 100kHz
ENABLE INPUT
Enable Input Logic-Low Voltage,
(VIL)
0.4
V
•
Regulator Shutdown
Enable Input Logic-High Voltage,
(VIH)
1.6
V
•
Regulator Enabled
Enable Input Current, (IIL), (IIH)
0.01
1
µA
•
VIL < 0.4V
0.01
1
µA
•
VIH > 2.0V
Reset Not Output
-2
-4
-6
%
Threshold
Note 2: Output voltage temperature coefficient is defined as the worst case voltage change divided by the totaltemperature
range.
Note 3: Load Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested
for load regulation in the load range; from 0.1mA to 100mA, SP6200; from 0.1mA to 200mA, SP6201. Changes in output
voltage due to heating effects are covered by the thermal regulation specification. Not applicable to output voltages less
than 2.5V.
Note 4: Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential. Not applicable to output voltages less than 2.7V.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the
load current plus the ground pin current.
Note 6: Thermal regulation is defined as the change in output voltage at a time ”t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 100mA load pulse at VIN = 6V for t = 10ms.
BLOCK DIAGRAMS
Fig. 2: Fixed Voltage and Adjustable Regulators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com