Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6200 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP6200
Description  100mA/200mA Micropower CMOS LDO Regulators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6200 Datasheet(HTML) 5 Page - Exar Corporation

  SP6200 Datasheet HTML 1Page - Exar Corporation SP6200 Datasheet HTML 2Page - Exar Corporation SP6200 Datasheet HTML 3Page - Exar Corporation SP6200 Datasheet HTML 4Page - Exar Corporation SP6200 Datasheet HTML 5Page - Exar Corporation SP6200 Datasheet HTML 6Page - Exar Corporation SP6200 Datasheet HTML 7Page - Exar Corporation SP6200 Datasheet HTML 8Page - Exar Corporation SP6200 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
S
SP
P6
62
20
00
0 /
/ S
SP
P6
62
20
01
1
1
10
00
0m
mA
A/
/2
20
00
0m
mA
A M
Miic
crro
op
po
ow
we
err C
CM
MO
OS
S L
LD
DO
O R
Re
eg
gu
ulla
atto
orrs
s
© 2012 Exar Corporation
5/17
Rev. 2.1.0
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Voltage Option
Note 1
SP6200EM5-L-3-0
-40°C≤TJ≤+125°C
E30
SOT-23-5
Bulk
3.0V
Halogen Free
SP6200EM5-L-3-0/TR
2.5K/Tape & Reel
SP6201EM5-L
-40°C≤TJ≤+125°C
FADJ
SOT-23-5
Bulk
Adjustable
Halogen Free
SP6201EM5-L/TR
2.5K/Tape & Reel
SP6201EM5-L-1-5
F15
Bulk
1.5V
Halogen Free
SP6201EM5-L-1-5/TR
2.5K/Tape & Reel
SP6201EM5-L-1-8
F18
Bulk
1.8V
Halogen Free
SP6201EM5-L-1-8/TR
2.5K/Tape & Reel
SP6201EM5-L-2-5
F25
Bulk
2.5V
Halogen Free
SP6201EM5-L-2-5/TR
2.5K/Tape & Reel
SP6201EM5-L-2-85
F285
Bulk
2.85V
Halogen Free
SP6201EM5-L-2-85/TR
2.5K/Tape & Reel
SP6201EM5-L-3-0
F30
Bulk
3.0V
Halogen Free
SP6201EM5-L-3-0/TR
2.5K/Tape & Reel
SP6201EM5-L-3-3
F33
Bulk
3.3V
Halogen Free
SP6201EM5-L-3-3/TR
2.5K/Tape & Reel
SP6201EM5-G-3-3
UBWW
Bulk
3.3V
Halogen Free
SP6201EM5-G-3-3/TR
2.5K/Tape & Reel
SP6201EM5-L-5-0
F50
Bulk
5.0V
Halogen Free
SP6201EM5-L-5-0/TR
2.5K/Tape & Reel
SP6201ER-L
-40°C≤TJ≤+125°C
A0
YWW
XXX
DFN8
Bulk
Adjustable
Halogen Free
SP6201ER-L/TR
3K/Tape & Reel
SP6201ER-L-1-8
B0
YWW
XXX
Bulk
1.8V
Halogen Free
SP6201ER-L-1-8/TR
3K/Tape & Reel
SP6201ER-L-3-3
C0
YWW
XXX
Bulk
3.3V
Halogen Free
SP6201ER-L-3-3/TR
3K/Tape & Reel
“Y” = Year – “WW” = Work Week – “XXX” = Lot Number; when applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com