Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1BPQR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPMS1BPQR
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1BPQR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPMS1BPQR Datasheet HTML 8Page - STMicroelectronics STPMS1BPQR Datasheet HTML 9Page - STMicroelectronics STPMS1BPQR Datasheet HTML 10Page - STMicroelectronics STPMS1BPQR Datasheet HTML 11Page - STMicroelectronics STPMS1BPQR Datasheet HTML 12Page - STMicroelectronics STPMS1BPQR Datasheet HTML 13Page - STMicroelectronics STPMS1BPQR Datasheet HTML 14Page - STMicroelectronics STPMS1BPQR Datasheet HTML 15Page - STMicroelectronics STPMS1BPQR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Terminology
STPMS1
12/23
Doc ID 16524 Rev 2
6
Terminology
6.1
Conventions
The lowest analog and digital power supply voltage is named GND which represents the
system Ground. All voltage specifications for digital input/output pins are referred to GND.
Positive currents flow into a pin. Sinking current means that the current is flowing into the pin
and then it is positive. Sourcing current means that the current is flowing out of the pin and
then it is negative.
Timing specifications of a signal treated by a digital control part are relative to CLK. This
signal is provided from the STPMC1 calculator IC of 1.024 MHz or of 2.048 MHz nominal
frequency.
A positive logic convention is used in all equations.
6.2
Notation
Current and voltage signals are represented as u and i.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com