Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1BPQR Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPMS1BPQR
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1BPQR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPMS1BPQR Datasheet HTML 11Page - STMicroelectronics STPMS1BPQR Datasheet HTML 12Page - STMicroelectronics STPMS1BPQR Datasheet HTML 13Page - STMicroelectronics STPMS1BPQR Datasheet HTML 14Page - STMicroelectronics STPMS1BPQR Datasheet HTML 15Page - STMicroelectronics STPMS1BPQR Datasheet HTML 16Page - STMicroelectronics STPMS1BPQR Datasheet HTML 17Page - STMicroelectronics STPMS1BPQR Datasheet HTML 18Page - STMicroelectronics STPMS1BPQR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
STPMS1
Theory of operation
Doc ID 16524 Rev 2
15/23
8
Theory of operation
8.1
General operation description
The STPMS1 performs first-order analog modulation of signals which have frequencies
varying from DC to 2 kHz on two independent channels in parallel. There is a current
channel for measuring line current and a voltage channel for measuring line voltage. The
outputs of the converters provide two streams of digital ones and zeros which are therefore
multiplexed in time to reduce the number of external connections.
The sampling and the data multiplexing are driven by an external clock signal, as it is used
to strobe the analog inputs. The combination of one or more STPMS1s and an STPMC1
(which implements the digital filtering) constitutes a conversion system for energy metering
applications.
The STPMS1 can also be used along with a DSP programmed to demultiplex the output
bitstream and to implement the digital filtering as a medium resolution ADC system.
When used in energy metering applications, the voltage channel is connected externally and
differentially to a line voltage divider which provides an analog signal proportional to the
voltage u. The current channel is connected to a Rogowski coil, or to a current transformer
(CT) or a shunt, which are used to interface the line current. The Rogowski coil provides an
analog signal proportional to di/dt, while the shunt or CT provides an analog signal
proportional to the current i. A CT differs from a shunt in sensitivity and phase error. There
should be an anti-aliasing LP filter inserted between the sensors and the inputs of both
channels of the STPMS1.
Internally, the differential voltage input related to the voltage channel is connected directly to
the A/D converter, which implies an amplification of x4. On the other side, the differential
voltage input related to the current channel is connected first to a configurable x2 or x8 pre-
amplifier and the output of this pre-amplifier to the similar A/D converter (x4 gain), which
implies selectable pre-amplification of x8 or x32 and uses the same reference voltage.
A pair of digital inputs (MS0 and MS1) is used to configure the device.
8.2
Function description of the analog part
The supply pins for the analog part are VCC, VDD, VDDac, VDDav, VDDd, and GND.
The GND pin also represents a reference point. The VDD is an analog I/O pin of an internal
+3.0 V low-drop voltage regulator, the VDDac and VCCav are the modulators supply inputs,
while the VDDd is the digital front-end supply input. A 100 nF capacitor should be connected
between VDDxx and GND. The input of the mentioned regulator is VCC which powers also a
band-gap, and bias generators.
The analog part consists of several modules:
●
Band-gap reference and bias generators
●
+3 V low-drop regulator
●
two DC buffer amplifiers
●
two
ΣΔ AD converters
●
control signal module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com