Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1BPQR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPMS1BPQR
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1BPQR Datasheet(HTML) 5 Page - STMicroelectronics

  STPMS1BPQR Datasheet HTML 1Page - STMicroelectronics STPMS1BPQR Datasheet HTML 2Page - STMicroelectronics STPMS1BPQR Datasheet HTML 3Page - STMicroelectronics STPMS1BPQR Datasheet HTML 4Page - STMicroelectronics STPMS1BPQR Datasheet HTML 5Page - STMicroelectronics STPMS1BPQR Datasheet HTML 6Page - STMicroelectronics STPMS1BPQR Datasheet HTML 7Page - STMicroelectronics STPMS1BPQR Datasheet HTML 8Page - STMicroelectronics STPMS1BPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STPMS1
Electrical characteristics
Doc ID 16524 Rev 2
5/23
3
Electrical characteristics
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC input voltage
-0.3 to 6
V
IPIN
Current on any pin (sink/source)
±150
mA
VID
Input voltage at digital pins (MS0, MS1, CLK, DAT,
DATN)
-0.3 to VCC+0.3
V
VIA
Input voltage at analog pins (VIP, VIN, CIP, CIN)
-0.7 to 0.7
V
ESD
Human body model (all pins)
±3.5
kV
TOP
Operating ambient temperature
-40 to 85
°C
TJ
Junction temperature
-40 to 150
°C
TSTG
Storage temperature range
-55 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
38.10 (1)
°C/W
1.
This value refers to a single-layer PCB, JEDEC standard test board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com