Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1BPQR Datasheet(PDF) 19 Page - STMicroelectronics

Part # STPMS1BPQR
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1BPQR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STPMS1BPQR Datasheet HTML 15Page - STMicroelectronics STPMS1BPQR Datasheet HTML 16Page - STMicroelectronics STPMS1BPQR Datasheet HTML 17Page - STMicroelectronics STPMS1BPQR Datasheet HTML 18Page - STMicroelectronics STPMS1BPQR Datasheet HTML 19Page - STMicroelectronics STPMS1BPQR Datasheet HTML 20Page - STMicroelectronics STPMS1BPQR Datasheet HTML 21Page - STMicroelectronics STPMS1BPQR Datasheet HTML 22Page - STMicroelectronics STPMS1BPQR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
STPMS1
Package mechanical data
Doc ID 16524 Rev 2
19/23
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A0.800.90
1.00
0.031
0.035
0.039
A1
0
0.05
0.002
A3
0.20
0.008
b
0.18
0.30
0.007
0.012
D2.90
3.00
3.10
0.114
0.118
0.122
D2
1.50
1.80
0.059
0.071
E
3.00
0.118
E2
2.90
3.00
3.10
0.114
0.118
0.122
e
0.50
0.020
L0.30
0.50
0.012
0.020
QFN16 (3 x 3 mm.) mechanical data
7509604/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com