Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMS1BPQR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPMS1BPQR
Description  Dual-channel 1-bit, 2 MHz, 1st order Dual-channel 1-bit, 2 MHz, 1st order
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS1BPQR Datasheet(HTML) 4 Page - STMicroelectronics

  STPMS1BPQR Datasheet HTML 1Page - STMicroelectronics STPMS1BPQR Datasheet HTML 2Page - STMicroelectronics STPMS1BPQR Datasheet HTML 3Page - STMicroelectronics STPMS1BPQR Datasheet HTML 4Page - STMicroelectronics STPMS1BPQR Datasheet HTML 5Page - STMicroelectronics STPMS1BPQR Datasheet HTML 6Page - STMicroelectronics STPMS1BPQR Datasheet HTML 7Page - STMicroelectronics STPMS1BPQR Datasheet HTML 8Page - STMicroelectronics STPMS1BPQR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Pin configuration
STPMS1
4/23
Doc ID 16524 Rev 2
2
Pin configuration
Figure 2.
Pin connection (top view)
1
GND
VDDac
GND
MS0
VDDd
VDD
MS1
VDDav
GND
AM07831v1
1
GND
VDDac
GND
MS0
VDDd
VDD
MS1
VDDav
GND
AM07831v1
Table 2.
Pin description
Pin
Symbol
Description
1
VDD
+ 3.0 V output of LDO
2
GND
Ground level for signals and pin protection
3
VDDac
Current channel modulator supply input
4
GND
Ground level for signals and pin protection
5
CIP
Current channel +
6
CIN
Current channel -
7
VIP
Voltage channel +
8
VIN
Voltage channel -
9
VDDav
Voltage channel modulator supply input
10
VDDd
Digital front-end supply input
11
MS0
Input for configurator 0
12
MS1
Input for configurator 1
13
CLK
Input for external measurement clock
14
DAT
Output of multiplexed
ΣΔ signal
15
DATn
Output of multiplexed
ΣΔ signal negated
16
VCC
Unregulated supply voltage
Exp PAD
GND
Ground level for signals and pin protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com