Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81032 Datasheet(PDF) 33 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 33 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 29Page - Hynix Semiconductor GMS81032 Datasheet HTML 30Page - Hynix Semiconductor GMS81032 Datasheet HTML 31Page - Hynix Semiconductor GMS81032 Datasheet HTML 32Page - Hynix Semiconductor GMS81032 Datasheet HTML 33Page - Hynix Semiconductor GMS81032 Datasheet HTML 34Page - Hynix Semiconductor GMS81032 Datasheet HTML 35Page - Hynix Semiconductor GMS81032 Datasheet HTML 36Page - Hynix Semiconductor GMS81032 Datasheet HTML 37Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
3 - 1
Chapter 3. I/O PORT
CHAPTER 3. I/O PORTS
The GMS810series has 21 I/O ports which are PORT0(8 I/O), PORT1 (8 I/O) and
PORT2 (8 I/O). Each port contains data direction register which controls I/O and data
register which stores port data.
3.1 PORT R0
3.1.1 PORT R0 Registers
REGISTER
R0 I/O Data Direction Register
SYMBOL
R/W
RESET VALUE
ADDRESS
R0DD
W
00H
00C1H
R0 Data Register
R0
R/W
Undefined
00C0H
Table 3.1 Port R0 Registers
3.1.2 I/O Data Direction Register (R0DD)
R0DD7
R0DD6
R0DD5
R0DD4
R0DD3
R0DD2
R0DD1
R0DD0
<00C1H>
R0DD
bit
initial value
R/W
7
0
W
6
0
W
5
0
W
4
0
W
3
0
W
2
0
W
1
0
W
0
0
W
R0 I/O Data Direction Register(R0DD) is 8-bit register, and can assign input state or
output state to each bit. If R0DD is ¡È1¡È, port R0 is in the output state, and if ¡È0¡È, it is
in the input state. R0DD is write-only register. Since R0DD is initialized as ¡È00H¡È in
reset state, the whole port R0 becomes input state.
3.1.1 Data Register(R0)
R07
R06
R05
R04
R03
R02
R01
R00
<00C0H>
R0
bit
initial value
R/W
7
X
R/W
6
X
R/W
5
X
R/W
4
X
R/W
3
X
R/W
2
X
R/W
1
X
R/W
0
X
R/W
PORT0 data register (R0) is 8-bit register to store data of port R0.
When setted as the output state by R0DD, and data is written in R0, data is outputted
into R0 pin. When set as the input state, input state of pin is read.
The initial value of R0 is unknown in reset state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com