Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81032 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 2Page - Hynix Semiconductor GMS81032 Datasheet HTML 3Page - Hynix Semiconductor GMS81032 Datasheet HTML 4Page - Hynix Semiconductor GMS81032 Datasheet HTML 5Page - Hynix Semiconductor GMS81032 Datasheet HTML 6Page - Hynix Semiconductor GMS81032 Datasheet HTML 7Page - Hynix Semiconductor GMS81032 Datasheet HTML 8Page - Hynix Semiconductor GMS81032 Datasheet HTML 9Page - Hynix Semiconductor GMS81032 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 101 page
background image
1 - 1
Chapter 1. Overview
CHAPTER 1. OVERVIEW
The GMS810 Series is the high speed and Low voltage operating 8-bit single chip
microcomputers. This MCU contains G8MC core, ROM, RAM, input/output ports and five
multi-function timer/counters.
1.1 FEATURES & PIN ASSIGNMENTS (TOP VIEW)
¡á ROM size . . . . . . . . . . . . . 4,096 Bytes ( GMS81004 ) , 8,192 Bytes (GMS81008 )
. . . . . . . . . . . . . 16,384 Bytes ( GMS81016 ) ,24,576 Bytes(GMS81024 )
. . . . . . . . . . . . . 32,768 Bytes ( GMS81032 )
¡á RAM size . . . . . . . . . . . . .
448 Bytes
¡á Instruction Execution Time . . 1us @Xin=4MHz
¡á Timer
¡Ü
Timer/Counter
. . . . . .
8Bit * 2ch , 16Bit * 1ch
¡Ü
Basic Interval Time . . .
8Bit * 1ch
¡Ü
Watch Dog Timer . . . .
6Bit * 1ch
¡á Power On Reset
¡á Power Saving Operation Modes
¡Ü
STOP
¡á 8 Interrupt Sources
¡Ü
Nested Interrupt Control is Available
¡á Operating Voltage
¡Ü
2.0~4.0V @2MHz
¡Ü
2.2~4.0V @4MHz
¡á Low Voltage Detection Circuit
¡á Watch dog Timer Auto Start ( During 1Second after Power on Reset )
¡á Package
¡Ü
20SOP/20PDIP/24SOP/24Skinny DIP/28SOP/28Skinny DIP
¡Ü
44PLCC
¡á I/O Port
20pin
24pin
28pin
44pin
input
3
3
3
3
output
2
2
2
2
I/O
13
17
21
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com