Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81032 Datasheet(PDF) 41 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 41 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 37Page - Hynix Semiconductor GMS81032 Datasheet HTML 38Page - Hynix Semiconductor GMS81032 Datasheet HTML 39Page - Hynix Semiconductor GMS81032 Datasheet HTML 40Page - Hynix Semiconductor GMS81032 Datasheet HTML 41Page - Hynix Semiconductor GMS81032 Datasheet HTML 42Page - Hynix Semiconductor GMS81032 Datasheet HTML 43Page - Hynix Semiconductor GMS81032 Datasheet HTML 44Page - Hynix Semiconductor GMS81032 Datasheet HTML 45Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 101 page
background image
4 - 3
4.1.2 Prescaler
Prescaler consists of 12-bit binary counter. The clock supplied from oscillation circuit is
input to prescaler (fex). The divided output from each bit of prescaler is provided to
peripheral hardware.
4.1.3 Peripheral hardware clock control
Clock to peripheral hardware can be stopped by bit4 (ENPCK) of CKCTLR Register.
ENPCK is set to ¡È1¡È in reset state.
PS1
PS2
PS3
PS4
PS5
PS6
PS7
PS8
PS9
PS10
PS11
PS12
B.I.T
Peripheral
PS0
PS1
PS2
PS3
PS4
PS5
PS6
PS7
PS8
PS9
PS10 PS11
PS12
fex
ENPCK
fcpu
fex(MHz)
Freq
Period(s)
4
PS1
PS2
PS3
PS4
PS5
PS6
PS7
PS8
PS9
PS10
PS11
PS12
PS0
2M
1M
500K
250K
125K
62.5K
31.25K
15.63K
7.183K
3.906K
1.953K
0.976K
4M
500n
1u
2u
4u
8u
16u
32u
64u
128u
256u
512u
1024u
250n
Freq
Period(s)
2
1M
500k
250K
125K
62.5K
31.25K
15.63K
7.183K
3.906K
1.953K
0.976K
2M
500n
1u
2u
4u
8u
16u
32u
64u
128u
256u
512u
1024u
0.488K
2048u
Fig. 4.3 Block diagram of Prescaler
Chapter 4. Peripheral Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com