Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81032 Datasheet(PDF) 34 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 34 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 30Page - Hynix Semiconductor GMS81032 Datasheet HTML 31Page - Hynix Semiconductor GMS81032 Datasheet HTML 32Page - Hynix Semiconductor GMS81032 Datasheet HTML 33Page - Hynix Semiconductor GMS81032 Datasheet HTML 34Page - Hynix Semiconductor GMS81032 Datasheet HTML 35Page - Hynix Semiconductor GMS81032 Datasheet HTML 36Page - Hynix Semiconductor GMS81032 Datasheet HTML 37Page - Hynix Semiconductor GMS81032 Datasheet HTML 38Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 101 page
background image
3 - 2
3.2 PORT R1
PIN NAME
R10
R11/INT1
R12/INT2
R13
R14/EC
R15/T2
R16/T1
R17/T0
Fig 3.1 Pin Function of port R1
PORT SELECTION
FUNCTION SELECTION
R10(I/O)
R11(I/O)
R12(I/O)
R13(I/O)
R14(I/O)
R15(I/O)
R16(I/O)
R17(I/O)
INT1 (INPUT)
INT2 (INPUT)
EC
(INPUT)
T2 (OUTPUT)
T1 (OUTPUT)
T0 (OUTPUT)
REGISTER
R1 I/O Data Direction Register
SYMBOL
R/W
RESET VALUE
ADDRESS
R1DD
W
00H
00C3H
R1 Data Register
R1
R/W
Undefined
00C2H
Table 3.1 Port R1 Registers
3.2.1 PORT R1 Register
R1 Port Mode Register
PMR1
W
00H
00C9H
R1 Port Open drain Assign
Register
R10DC
W
00H
00CEH
3.2.2 I/O Data Direction Register (R1DD)
R1DD7
R1DD6
R1DD5
R1DD4
R1DD3
R1DD2
R1DD1
R1DD0
<00C3H>
R1DD
bit
initial value
R/W
7
0
W
6
0
W
5
0
W
4
0
W
3
0
W
2
0
W
1
0
W
0
0
W
R1 Data Direction Register(R1DD) is 8-bit register, and can assign input state or output
state to each bit. If R1DD is ¡È1¡È, port R1 is in the output state, and if ¡È0¡È, it is in the
input state. R1DD is write-only register. Since R1DD is initialized as ¡È00H¡È in reset
state, the whole port R1 becomes input state.
Chapter 3. I/O PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com