Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS81032 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 31Page - Hynix Semiconductor GMS81032 Datasheet HTML 32Page - Hynix Semiconductor GMS81032 Datasheet HTML 33Page - Hynix Semiconductor GMS81032 Datasheet HTML 34Page - Hynix Semiconductor GMS81032 Datasheet HTML 35Page - Hynix Semiconductor GMS81032 Datasheet HTML 36Page - Hynix Semiconductor GMS81032 Datasheet HTML 37Page - Hynix Semiconductor GMS81032 Datasheet HTML 38Page - Hynix Semiconductor GMS81032 Datasheet HTML 39Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 101 page
background image
3 - 3
3.2.3 Data Register(R1)
R17OD
R16OD
R15OD
R14OD
R13OD
R12OD
R11OD
R10OD
<00DEH>
R1ODC
bit
initial value
R/W
7
0
W
6
0
W
5
0
W
4
0
W
3
0
W
2
0
W
1
0
W
0
0
W
R1 Data Register(R1) is 8-bit register to store data of port R1. When set as the output
state by R1DD, and data is written in R1, data is output into R1 pin.
The initial value of R1 is unknown in reset state.
R17
R16
R15
R14
R13
R12
R11
R10
<00C2H>
R1
bit
initial value
R/W
7
X
R/W
6
X
R/W
5
X
R/W
4
X
R/W
3
X
R/W
2
X
R/W
1
X
R/W
0
X
R/W
Port R1 Open Drain Assign Register(R1ODC) is 8bit register, and can assign R1 port as
open drain output port each bit, if corresponding port is selected as output. If R1ODC is
selected as ¡È1¡È, port R1 is open drain output, and if selected as¡È0¡È, it is push-pull
output. R1ODC is write-only register and initialized as ¡È00H¡È in reset state.
3.2.4 Port R1 Open drain Assign Register (R1ODC)
Chapter 3. I/O PORT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com