Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 12Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 13Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 14Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 15Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 16Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 17Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 18Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 19Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
16
Oct. 1999 ver 1.0
10.6 A/D Converter Characteristics - GMS87C1102E, GMS87C1202E(Extended version)
• (VSS=0V, VDD=5.12V, @fXIN =8MHz/12MHz, TA=-40°
°°°C~+125°°°°C)
• (VSS=0V, VDD=3.072V, @fXIN =4MHz, TA=-40°
°°°C~+125°°°°C )
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
Analog Input Voltage Range
VAIN
AVREFS=0
VSS
-
VDD
V
AVREFS=1
VSS
-
VREF
Analog Power Supply Input Voltage Range
VREF
AVREFS=1
3
-
VDD
V
Overall Accuracy
NACC
-
±1.3
±2.0
LSB
Non-Linearity Error
NNLE
-
−±2.0
LSB
Differential Non-Linearity Error
NDNLE
-
±1.0
±2.0
LSB
Zero Offset Error
NZOE
-
±1.0
±2.5
LSB
Full Scale Error
NFSE
-
±0.25
±1.0
LSB
Gain Error
NNLE
-
±1.0
±2.0
LSB
Conversion Time
TCONV
fXIN=8MHz
--
10
µS
fXIN=12MHz
--
7
AVREF Input Current
IREF
fXIN=8MHz
-0.5
0.8
mA
fXIN=12MHz
-0.6
1
Parameter
Symbol
Condition
Specifications
Unit
Min.
Typ.
Max.
Analog Input Voltage Range
VAIN
AVREFS=0
VSS
-
VDD
V
AVREFS=1
VSS
-
VREF
Analog Power Supply Input Voltage Range
VREF
AVREFS=1
3
-
VDD
V
Overall Accuracy
NACC
-
±1.3
±1.5
LSB
Non-Linearity Error
NNLE
-
−±1.2
LSB
Differential Non-Linearity Error
NDNLE
-
±1.0
±1.5
LSB
Zero Offset Error
NZOE
-
±1.0
±1.5
LSB
Full Scale Error
NFSE
-
±0.25
±0.5
LSB
Gain Error
NNLE
-
±1.0
±1.5
LSB
Conversion Time
TCONV
fXIN=4MHz
--
20
µS
AVREF Input Current
IREF
fXIN=4MHz
-0.4
0.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com