Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 2Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 3Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 4Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 5Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
GMS87C1102 / GMS87C1202
HYUNDAI MicroElectronics
6
Oct. 1999 ver 1.0
8. PIN FUNCTION
VDD: Supply voltage.
VSS: Circuit ground.
RESET: Reset the MCU.
XIN: Input to the inverting oscillator amplifier and input to
the internal clock operating circuit.
XOUT: Output from the inverting oscillator amplifier. If
RC Option is used, the oscillator frequency divided by 4
(Xin/4) comes out from Xout pin.
RA0~RA7: RA is an 8-bit, CMOS, bidirectional I/O port.
RA pins can be used as outputs or inputs according to “1”
or “0” written in the Port Direction Register(RAIO).
In addition, RA serves the functions of the various special
features in Table 8-1.
RB0~RB4: RB is a 5-bit, CMOS, bidirectional I/O port.
RB pins can be used as outputs or inputs according to “1”
or “0” written in the Port Direction Register(RBIO).
RB serves the functions of the various following special
features.
RC0~RC1: RC is a 2-bit, CMOS, bidirectional I/O port.
RC pins can be used as outputs or inputs according to “1”
or “0” written in the Port Direction Register(RCIO)
.
Port pin
Alternate function
RA0
RA1
RA2
RA3
RA4
RA5
RA6
RA7
EC0 ( Event Counter Input Source )
AN1 ( Analog Input Port 1 )
AN2 ( Analog Input Port 2 )
AN3 ( Analog Input Port 3 )
AN4 ( Analog Input Port 4 )
AN5 ( Analog Input Port 5 )
AN6 ( Analog Input Port 6 )
AN7 ( Analog Input Port 7 )
Table 8-1 RA Port
Port pin
Alternate function
RB0
RB1
RB2
RB3
RB4
AN0 ( Analog Input Port 0 )
AVref ( External Analog Reference Pin )
BUZ ( Buzzer Driving Output Port )
INT0 ( External Interrupt Input Port 0 )
INT1 ( External Interrupt Input Port 1 )
PWM ( PWM Output )
COMP0 ( Timer0 Compare Output )
Table 8-2 RB Port
PIN NAME
Pin No.
In/Out
Function
VDD
5
-
Supply voltage
VSS
14
-
Circuit ground
RESET
13
I
Reset signal input
XIN
11
I
XOUT
12
O
RA0 (EC0)
17
I/O (Input)
8-bit general I/O ports
External Event Counter input
RA1 (AN1)
18
I/O (Input)
Analog Input Port 1
RA2 (AN2)
19
I/O (Input)
Analog Input Port 2
RA3 (AN3)
20
I/O (Input)
Analog Input Port 3
RA4 (AN4)
1
I/O (Input)
Analog Input Port 4
RA5 (AN1)
2
I/O (Input)
Analog Input Port 5
RA6 (AN1)
3
I/O (Input)
Analog Input Port 6
RA7 (AN7)
4
I/O (Input)
Analog Input Port 7
RB0 (AVref/AN0)
6
I/O (Input)
5-bit general I/O ports
Analog Input Port 0 / Analog Reference
RB1 (INT0)
7
I/O (Input)
External Interrupt Input 0
RB2 (INT1)
8
I/O (Input)
External Interrupt Input 1
RB3 (BUZ)
9
I/O (Output)
Buzzer Driving Output
RB4 (PWM/COMP0)
10
I/O (Output/Output)
PWM Output or Timer Compare Output
RC0
15
I/O
2-bit general I/O ports
RC1
16
I/O
Table 8-3 Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com