Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 23Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 24Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 25Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 26Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 27Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 28Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 29Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 30Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
27
11.3 Data Memory
Figure 11-6 shows the internal Data Memory space avail-
able. Data Memory is divided into two groups, a user
RAM(including Stack) and control registers.
Figure 11-6 Data Memory Map
Internal Data Memory addresses are always one byte wide,
which implies an address space of 128 bytes including the
stack area.
The stack pointer should be initialized within 00H to 7FH
by software because its value is undefined after RESET.
The Stack area is defined at the Data Memory area, so the
stack should not be overlapped by manipulating RAM Da-
ta. For example, we assumed the Stack pointer is 6F. If this
address is accessed by program, the stack value is changed.
So the malfunction is occurred.
The control registers are used by CPU and Peripheral func-
tions for controlling the desired operation of the device.
Therefore these registers contain control and status bits for
the interrupt system, the timer/ counters, analog to digital
converters, I/O ports. The control registers are in address
C0H to FFH.
Note that unoccupied addresses may not be implemented
on the chip. Read accesses to these addresses will in gen-
eral return random data, and write accesses will have an in-
determinate effect.
More detail informations of each register are explained in
each peripheral sections.
Note: Write only registers can not be accessed by bit ma-
nipulation instruction. Do not use read-modify-write
instruction. Use byte manipulation instruction.
Example; To write at CKCTLR
LDM
CKCTLR,#09H ;Divide ratio
÷16
Table 11-3 RESET Value of Control Registers
Note: Several names are given at same address. Refer to
below table.
Table 11-4 Various Register Name in Same Adress
DATA
MEMORY
CONTROL
REGISTERS
00H
7FH
C0H
FFH
(including STACK)
Address
Symbol
R/W
RESET Value
C0H
C1H
C2H
C3H
C4H
C5H
CAH
CBH
CCH
D0H
D1H
D1H
D1H
D2H
D3H
D3H
D4H
D4H
D4H
D5H
DEH
E2H
E3H
E4H
E5H
E6H
EAH
EBH
ECH
ECH
EDH
EFH
RA
RAIO
RB
RBIO
RC
RCIO
RAFUNC
RBFUNC
PUPSEL
TM0
T0
TDR0
CDR0
TM1
TDR1
T1PPR
T1
CDR1
T1PDR
PWMHR
BUR
IENH
IENL
IRQH
IRQL
IEDS
ADCM
ADCR
BITR
CKCTLR
WDTR
PFDR
R/W
W
R/W
W
R/W
W
W
W
W
R/W
R
W
R
R/W
W
W
R
R
R/W
W
W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
W
R/W
R/W
Undefined
0000_0000
Undefined
---0_0000
Undefined
----_--00
0000_0000
---0_0000
----_--00
--00_0000
0000_0000
1111_1111
0000_0000
0000_0000
1111_1111
1111_1111
0000_0000
0000_0000
0000_0000
----_0000
1111_1111
0000_----
000-_----
0000_----
000-_----
----_0000
--00_0001
Undefined
0000_0000
-001_0111
0111_1111
----_-100
Addr.
When read
When write
Timer
Mode
Capture
Mode
PWM
Mode
Timer
Mode
PWM
Mode
D1H
T0
CDR0
-
TDR0
-
D3H
-
TDR1
T1PPR
D4H
T1
CDR1
T1PDR
-
T1PDR
ECH
BITR
CKCTLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com