Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 49 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 49 Page - Hynix Semiconductor

Back Button GMS87C1102 Datasheet HTML 45Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 46Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 47Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 48Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 49Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 50Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 51Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 52Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 53Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
49
16. Buzzer Output Function
The buzzer driver consists of 6-bit binary counter, the
buzzer register BUR and the clock selector. It generates
square-wave which is very wide range frequency (480
Hz~250 KHz at fxin = 4 MHz) by user programmable
counter.
Pin RB1 is assigned for output port of Buzzer driver by set-
ting the bit BUZO of RBFUNC to "1".
The 6-bit buzzer counter is cleared and start the counting
by writing signal to the register BUR. It is increased from
00H until it matches 6-bit register BUR.
Also, it is cleared by counter overflow and count up to out-
put the square wave pulse of duty 50%.
The bit 0 to 5 of BUR determines output frequency for
buzzer driving. Frequency calculation is following as
shown below.
The bits BUCK1, BUCK0 of BUR selects the source clock
from prescaler output.
Figure 16-1 Buzzer Driver
 
()
Oscillator Frequency
 Prescaler Ratio
 
+
()
×
×
-------------------------------------------------------------------------------------
=
BUR
ADDRESS : DEH
RESET VALUE : 11111111
BUCK1
BUCK0
BUR5
BUR4
BUR3
BUR2
BUR1
BUR0
÷ 64
÷ 16
÷ 32
fxin
MUX
COUNTER ( 6-bit )
BUR ( 6-bit )
F/F
COMPARATOR
BUCK[1:0]
RB1/BUZ PIN
÷ 8
Input clock selection
00 : fxin
÷ 8
01 : fxin
÷ 16
10 : fxin
÷ 32
11 : fxin
÷ 64
Buzzer Period Data
BUZO
[RBFUNC.1]
Bit Manipulation Not Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com