Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMS87C1102 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # GMS87C1102
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C1102 Datasheet(HTML) 1 Page - Hynix Semiconductor

  GMS87C1102 Datasheet HTML 1Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 2Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 3Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 4Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 5Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 6Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 7Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 8Page - Hynix Semiconductor GMS87C1102 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
HYUNDAI MicroElectronics
GMS87C1102 / GMS87C1202
Oct. 1999 ver 1.0
1
GMS87C1102 / GMS87C1202
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The GMS87C1102 and GMS87C1202 are an advanced CMOS 8-bit microcontroller with 2K bytes of ROM. The HYUNDAI
MicroElectronics GMS87C1102 and GMS87C1202 are a powerful microcontroller which provides a highly flexible and cost
effective solution to many small applications. The GMS87C1102 and GMS87C1202 provide the following standard features:
2K bytes of ROM(OTP), 128 bytes of RAM, 8-bit timer/counter, 8-bit A/D converter, 10-bit High Speed PWM Output, Pro-
grammable Buzzer Driving Port (GMS87C1202 only), on-chip oscillator and clock circuitry. In addition, the GMS87C1102
and GMS87C1202 support power saving modes to reduce power consumption.
This document is only explained for the base of GMS87C1202, the eliminated functions are same as below.
1.2 Features
• 2K bytes On-chip Program Memory
• 128 Bytes of On-Chip Data RAM
• Minimum Instruction execution time:
- 500ns at 8MHz (2cycle NOP Instruction)
• 2.7V to 6.0V Wide Operating Range
• Basic Interval Timer
• Two 8-Bit Timer/ Counters
• 10-Bit High Speed PWM Output
• Two external interrupt ports
(GMS87C1102 has one external interrupt port)
• One Programmable Buzzer Driving port
(GMS87C1202 only)
• 15 Programmable I/O Lines
(GMS87C1102 has 11 programmable I/O lines)
• Seven Interrupt Sources
(GMS87C1102 has Six interrupt sources)
• 8-Channel 8-Bit On-Chip Analog to Digital Con-
verter
• Watch dog timer
• Oscillation :
- Crystal
- Ceramic Resonator
- External Oscillator
- RC Oscillation
•Power Down Mode
- STOP mode
- Wake-up Timer mode
- RC-WDT mode
• Power Fail Processor
( Noise Immunity Circuit )
1.3 Development Tools
The GMS800 family is supported by a full-featured macro
assembler, an in-circuit emulators CHOICE-Dr.™, and
add-on board type OTP writer Dr.Writer™ .
The availability of OTP devices is especially useful for
customers expecting frequent code changes and updates.
The OTP devices, packaged in plastic packages, permit the
user to program them once.
Device name
OTP Size
RAM Size
I/O
BUZ
INT1
Package
Operating
Temperature
GMS87C1102
2K bytes
128 bytes
11
NO
NO
16DIP/SOP
-20
°C~+85°C
GMS87C1202
2K bytes
128 bytes
15
YES
YES
20DIP/SOP
-20
°C~+85°C
GMS87C1102E
2K bytes
128 bytes
11
NO
NO
16DIP/SOP
-40
°C~+125°C
GMS87C1202E
2K bytes
128 bytes
15
YES
YES
20DIP/SOP
-40
°C~+125°C
In Circuit Emulator
CHOICE-Dr.
Assembler
HYUNDAI MicroElectronics
Macro Assembler
OTP Writer
Dr.Writer


Similar Part No. - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS87C1102 HYNIX-GMS87C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS87C1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A Datasheet
1Mb / 77P
8-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
8-Bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com