Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS1886 Datasheet HTML 1Page - Integrated Circuit Systems ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ICS1886
Pin Descriptions
* Active Low Input.
CS1
CS0
LOOP
INPUT
CLOCK FREQ
MODE
REF FREQ or
CRYSTAL
VSS
VSS
VSS
Tx Data
32.064 MHz
Japan
4.008 MHz
VSS
VDD
VSS
Tx Data
34.368 MHz
Europe - E3
4.296 MHz
VDD
VSS
VSS
Tx Data
125.000 MHz
Ethernet
25.000 MHz
VDD
VDD
VSS
Tx Data
139.264 MHz
Europe - E4
17.408 MHz
VSS
VSS
VDD
Rx Data
32.064 MHz
Japan
4.008 MHz
VSS
VDD
VDD
Rx Data
34.368 MHz
Europe - E3
4.296 MHz
VDD
VSS
VDD
Rx Data
125.000MHz
Ehternet
25.000 MHz
VDD
VDD
VDD
Rx Data
139.264 MHz
Europe - E4
17.408 MHz
Table 1 - Device Clock Selection
PIN
NUMBER
PIN NAME
TYPE
DESCRIPTION
1
VSS
Negative supply voltage.
2
LT~
Loop Timing mode select.*
3
CD~
Carrier Detect input.*
4
TX+
Positive Transmit serial data output.
5
TX-
Negative Transmit serial data output.
6
VSS
Negative supply voltage.
7
IPRG1
PECL Output stage current set (TX).
8
RX-
Negative Receive serial data input.
9
RX+
Positive Receive serial data input.
10
LB~
Loop Back mode select.*
11
LOCK
Lock detect output.
12
CS1
Clock select 1 input.
13
CS0
Clock select 0 input.
14
VSS
Negative supply voltage.
15
IPRG2
PECL Output stage current set (TC, RC and RD).
16
VSS
Negative supply voltage.
17
RD+
Positive recovered data output
18
RD-
Negative recovered data output.
19
RC+
Positive recovered clock output.
20
RC-
Negative recovered clock output.
21
VDD
Positive supply voltage.
22
REF+
Positive reference clock/crystal input.
23
REF-
Negative reference clock/crystal input.
24
VDD
Positive supply voltage.
25
TC-
Negative Transmit clock output.
26
TC+
Positive Transmit clock output.
27
TD-
Negative Transmit data input.
28
TD+
Positive Transmit data input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com