Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1886 Datasheet HTML 1Page - Integrated Circuit Systems ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS1886
Block Diagram
PHYceiver is a trademark of Integrated Circuit Systems, Inc.
FDDI / Fast Ethernet PHYceiverTM
ICS1886RevC120996
•
Data and clock recovery for: 32.064 Mb/s (Japan)
34.368 Mb/s (Europe - E3) 125 MHz (Ethernet)
139.264 Mb/s (Europe - E4)
•
Clock multiplication from either a crystal, differential
or single-ended timing source
•
Continuous clock in the absence of data
•
No external PLL components
•
Lock/Loss status indicator output
•
Loopback mode for system diagnostics
•
Selectable loop timing mode
•
PECL drivers with settable sink current
The ICS1886 is designed to provide high performance clock
recovery and generation for either 32.064 Mb/s, 34.368
Mb/s, 125 Mb/s or 139.264 Mb/s NRZ or NRZI serial data
streams. The ICS1886 is ideally suited for LAN transceiver
applications in either European or Japanese communication
environments.
The ICS1886 also operates at the 100Mbit Ethernet
frequency of 125 MHz. This is ideal for serial Ethernet data
applications where no serial to parallel conversion is
required.
Clock and data recovery is performed on an input serial data
stream or the buffered transmit data depending upon the state
of the loopback input. A continuous clock source will
continue to be present even in the absence of input data. All
internal timing is derived from either a low cost crystal or an
external clock module.
The ICS1886 utilizes advanced CMOS phase-locked loop
technology which combines high performance and low
power at a greatly reduced cost.
Pin Configuration
28-Pin SOIC


Similar Part No. - ICS1886

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
ICS1887M ICST-ICS1887M Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
ICS1889 ICST-ICS1889 Datasheet
1Mb / 35P
100Base-FX Integrated PHYceiverTM
RevF092497
More results

Similar Description - ICS1886

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1887 ICST-ICS1887 Datasheet
536Kb / 14P
FDDI / Fast Ethernet PHYceiverTM
RevF112596
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
Fast Ethernet/FDDI TP-PMD Transceiver
logo
List of Unclassifed Man...
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
TTC-1T18 ETC-TTC-1T18 Datasheet
87Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
TTC-1T23 ETC-TTC-1T23 Datasheet
88Kb / 2P
1 X 9 FIBER OPTIC TRANSCEIVER FOR FAST ETHERNET, FDDI, 100 MBPS ATM
logo
Infineon Technologies A...
V23809-C8-C10 INFINEON-V23809-C8-C10 Datasheet
91Kb / 6P
Multimode 1300 nm LED Fast Ethernet/FDDI/ATM 170 MBd 1x9 Transceiver
DECEMBER 1999
logo
Agilent(Hewlett-Packard...
HFBR-5903 HP-HFBR-5903 Datasheet
291Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5963LZ AVAGO-HFBR-5963LZ_12 Datasheet
166Kb / 13P
Multimode Small Form Factor Transceivers for ATM, FDDI, Fast Ethernet and SONET OC-3
AFBR-5903Z AVAGO-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
logo
Broadcom Corporation.
AFBR-5903Z BOARDCOM-AFBR-5903Z Datasheet
423Kb / 16P
FDDI, Fast Ethernet Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com