Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS1886 Datasheet HTML 1Page - Integrated Circuit Systems ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ICS1886
Absolute Maximum Ratings
VDD (measured to VSS) . . . . . . . . . . . . . . . . . . 7.0V
Ambient OperatingTemperature . . . . . . . . . . . – 55°C to +125°C
StorageTemperature . . . . . . . . . . . . . . . . . . . . – 65°C to +150°C
JunctionTemperature . . . . . . . . . . . . . . . . . . . 175°C
SolderingTemperature . . . . . . . . . . . . . . . . . . 260°C
Recommended Operating Conditions
Stresses above those listed under Absolute Maximum Ratings above may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect product reliability.
ICS1886 FDDI / Fast Ethernet Application
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Ambient Operating Temp.
TA
0+70
ºC
Using a Negitive Supply
VSS
VDD
-4.50
0.0
-5.50
0.0
V
V
Using a Positive Supply
VSS
VDD
0.0
+4.50
0.0
+5.50
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com