Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems ICS1886 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ICS1886
The current ICS1886 device provides a single
TTL-compatible input, carrier detect (CD~).
When carrier detect is asserted, the ICS1886
locks to the incoming receive data. When
carrier detect is deasserted, or if carrier detect
is asserted and no data is present on the receive
inputs, the PLL will free run and continue to
provide RXCLK at the nominal 25 MHz
frequency. This provides a continuous Receive
clock source, even if CD~ is always tied to
ground.
If a true signal detect is required by a chip that
connects to the ICS1886, a simple, low cost
PECL to CMOS converter can be used. The
following circuits implement this function:
These circuits provide PECL to CMOS
conversion for less than $0.80 in single unit
quantities. Note that the LM393 has two
amplifiers, so the unused one is tied inactive.
A running production change will be made to
the ICS1886 to change the CD~ input to PECL.
Therefore, boards should be layed out with a
direct normal PECL termination connection
stuffing option. This allows either version of
the part to be used by stuffing one of two sets
of external components. A version of this
circuit is shown in the diagram above.
Option 2
Single-Ended PECL to CMOS Conversion Circuit
Option 1
Differential PECL to CMOS Conversion Circuit
CD PECL Input: Board Layout Options



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com