Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1886 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1886
Description  FDDI / Fast Ethernet PHYceiverTM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1886 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1886 Datasheet HTML 1Page - Integrated Circuit Systems ICS1886 Datasheet HTML 2Page - Integrated Circuit Systems ICS1886 Datasheet HTML 3Page - Integrated Circuit Systems ICS1886 Datasheet HTML 4Page - Integrated Circuit Systems ICS1886 Datasheet HTML 5Page - Integrated Circuit Systems ICS1886 Datasheet HTML 6Page - Integrated Circuit Systems ICS1886 Datasheet HTML 7Page - Integrated Circuit Systems ICS1886 Datasheet HTML 8Page - Integrated Circuit Systems ICS1886 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
ICS1886
VDD = VMIN to VMAX, VSS = 0V, TA = TMIN to TMAX
AC Characteristics
PARAMETER
SYMBOL CONDITIONS
MIN
MAX
UNITS
ECL Outputs
Rise/Fall Time
tr, tf
15pF Load
1.4
1.7
ns
Recovered clock
Duty Cycle
tDC
15pF Load
45
55
%
Output Data Setup
tsv
W.R.T. RC at 139.264MHz
2.2
3.3
ns
Output Data Hold
thd
W.R.T. RC at 139.264MHz
3.9
4.5
ns
Transmit Latency
TL
139.264MHz
6
9
ns
Recieve Latency
RL
139.264MHz
1clock+15
1clock+20
ns
Phase-Locked Loop Characteristics
Lock Acquisition
tacq
139.264MHz
—5
µs
Capture Range
139.264MHz
—
±5
% of
center freq.
Receive Jitter Tolerance
tjt
139.264MHz
—
.15%
UIp-p
Transmit Clock Stability
139.264MHz
17.408MHz crystal
—
6
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com