Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2495 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS2495
Description  Dual Video/Memory Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2495 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS2495 Datasheet HTML 1Page - Integrated Circuit Systems ICS2495 Datasheet HTML 2Page - Integrated Circuit Systems ICS2495 Datasheet HTML 3Page - Integrated Circuit Systems ICS2495 Datasheet HTML 4Page - Integrated Circuit Systems ICS2495 Datasheet HTML 5Page - Integrated Circuit Systems ICS2495 Datasheet HTML 6Page - Integrated Circuit Systems ICS2495 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Buffered XTALOUT
In motherboard applications it may be desirable to have the
ICS2495 provide the bus clock for the rest of the system. This
eliminates the need for an additional 14.31818 MHz crystal
oscillator in the system, saving money as well as board space.
Depending on the load, it may be judicious to buffer XTA-
LOUT when using it to provide the system clock.
Output Circuit Considerations
As the dot clock is usually the highest frequency present in a
video graphics system, consideration should be given to EMI.
To minimize problems with meeting FCC EMI requirements,
the trace which connects VCLK or MCLK and other compo-
nents in the system should be kept as short as possible. The
ICS2495 outputs have been designed to minimize overshoot.
In addition, it may be helpful to place a ferrite bead in these
signal paths to limit the propagation of high-order harmonics
of this signal. A suitable device would be a Ferroxcube 56-590-
65/4B or equivalent. This device should be placed physically
close to the ICS2495. A 33 to 47 Ohm series resistor, some-
times called source termination, in this path may be necessary
to reduce ringing and reflection of the signal and may thereby
reduce phase jitter as well as EMI.
External Frequency Sources
EXTFREQ on versions so equipped by the programming, is
an input to a digital multiplexer. When this input is enabled by
the FS0-3 selection, the signal driving pin 2 will appear at
VCLK (15) instead of the PLL output. Internally, the PLL will
remain in lock at the frequency selected by the ROM code.
The programming option also exists to output the crystal oscil-
lator output on VCLK. In the case where XTAL1 is being
driven by an external oscillator, then this frequency would
appear on VCLK if so programmed.
Digital Inputs
FS0 (3), FS1 (4), FS2 (6), and FS3 (7), are the TTL compatible
frequency select inputs for the binary code corresponding to
the frequency desired. STROBE (5) when high, allows new
data into the frequency select latches; and when low, prevents
address changes per Figure 2. The internal power-on-clear
signal will force an initial frequency code corresponding to an
all zeros input state. MS0 (8) and MS1 (9) are the correspond-
ing memory select inputs and are not strobed.
ICS2495
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com