Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2495 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS2495
Description  Dual Video/Memory Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2495 Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS2495 Datasheet HTML 1Page - Integrated Circuit Systems ICS2495 Datasheet HTML 2Page - Integrated Circuit Systems ICS2495 Datasheet HTML 3Page - Integrated Circuit Systems ICS2495 Datasheet HTML 4Page - Integrated Circuit Systems ICS2495 Datasheet HTML 5Page - Integrated Circuit Systems ICS2495 Datasheet HTML 6Page - Integrated Circuit Systems ICS2495 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
ICS2495 Pattern Request Form
ICS produces a selection of standard pattern ICS2495’s pre-programmed for compatibility with many popular VGA chipsets.
Custom patterns are also available although a significant volume commitment and/or one-time mask charge will apply. Contact
ICS Sales for details.
ICS Part
Number
ICS
ICS-
ICS-
Compatible
VGA
Chipsets
Video Clock
Address(HEX)
Frequency
(MHz)
Frequency
(MHz)
Frequency
(MHz)
6
7
8
9
A
B
C
D
E
F
Memory
Clock
Address(HEX)
Frequency
(MHz)
Frequency
(MHz)
0
Custom pattern #1 reference frequency = __________
Standard frequencies shown have been specified by and are
supported by the respective VGA manufacturer.
All standard patterns shown above use 14.31818 MHz as the
input reference frequency.
If the internal frequency that the ICS2495 remains locked to
when EXTFREQ is selected is critical, it should be specified.
16-Pin SOIC Package
16-Pin DIP Package
Ordering Information
ICS2495N-XXX or ICS2495M-XXX
Example:
ICS XXXX M -XXX
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
N=DIP (Plastic)
M=SOIC
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS, AV=Standard Device; GSP=Genlock Device
ICS2495
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com