Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2495 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS2495
Description  Dual Video/Memory Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2495 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS2495 Datasheet HTML 1Page - Integrated Circuit Systems ICS2495 Datasheet HTML 2Page - Integrated Circuit Systems ICS2495 Datasheet HTML 3Page - Integrated Circuit Systems ICS2495 Datasheet HTML 4Page - Integrated Circuit Systems ICS2495 Datasheet HTML 5Page - Integrated Circuit Systems ICS2495 Datasheet HTML 6Page - Integrated Circuit Systems ICS2495 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DC Characteristics at 5 Volts VDD
SYMBOL
PARAMETER
MIN
MAX
UNITS
CONDITIONS
VDD
Operating Voltage Range
4.75
5.25
V
VIL
Input Low Voltage
VSS
0.8
V
VDD = 5V
VIH
Input High Voltage
2.0
VDD
V
VDD = 5V
IIH
Input Leakage Current
-
10
µA
Vin = VCC
VOL
Output Low Voltage:
VCLK, MCLK
-
0.4
V
IOL = 8.0 mA
XTALOUT
-
0.4
V
IOL = 4.0 mA
VOH
Output High Voltage:
VCLK, MCLK
2.4
-
V
IOH = 8.0 mA
XTALOUT
2.4
-
V
IOH = 4.0 mA
IDD
Supply Current
-
30
mA
VDD = 5V
RUP
Internal Pullup Resistors
50
-
K ohms
VIN = 0.0V
Cin
Input Pin Capacitance
-
8
pF
FC = 1 MHz
Cout
Output Pin Capacitance
-
12
pF
FC = 1 MHz
AC Timing Characteristics
The following notes apply to all of the parameters presented in this section.
1.
REFCLK = 14.318 MHz
2.
TC = 1/FC
3.
All units are in nanoseconds (ns).
4.
Maximum jitter within a range of 30
µs after triggering on a 400 MHz scope.
5.
Rise and fall time between 0.8 and 2.0 VDC unless otherwise stated.
6.
Output pin loading = 15pF.
7.
Duty cycle measured at 1.4 volts.
SYMBOL
PARAMETER
MIN
MAX
NOTES
STROBE TIMING
Tpw
Tsu
Thd
Strobe Pulse Width
Setup Time Data to Strobe
Hold Time Data to Strobe
20
10
10
-
-
-
MCLK and VCLK TIMINGS
Tr
Tf
-
-
-
-
Rise Time
Fall Time
Frequency Error
Maximum Frequency
Propagation Delay for Pass Through
Frequency
Output Enable to Tristate
(into and out of) time
-
-
-
2
2
0.5
135
20
15
Duty Cycle 40% min. to
60% max.
%
MHz
ns
ns
ICS2495
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com