Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2495 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS2495
Description  Dual Video/Memory Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2495 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS2495 Datasheet HTML 1Page - Integrated Circuit Systems ICS2495 Datasheet HTML 2Page - Integrated Circuit Systems ICS2495 Datasheet HTML 3Page - Integrated Circuit Systems ICS2495 Datasheet HTML 4Page - Integrated Circuit Systems ICS2495 Datasheet HTML 5Page - Integrated Circuit Systems ICS2495 Datasheet HTML 6Page - Integrated Circuit Systems ICS2495 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pin Descriptions
The following table provides the pin description for the 16-pin ICS2495 packages.
PIN NUMBER
PIN SYMBOL
TYPE
DESCRIPTION
1
XTAL2
OUT
Crystal interface
2
EXTFREQ
IN
External clock input (if so programmed)
3
FS0
IN
Control input for VCLK selection
4
FS1
IN
Control input for VCLK selection
5
STROBE
IN
Strobe for latching FS (0-3) (High enable)
6
FS2
IN
Control input for VCLK selection
7
FS3
IN
Control input for VCLK selection
8
MS0
IN
Select input for MCLK selection
9
MS1
IN
Select input for MCLK selection
10
MCLK
OUT
Memory Clock Output
11
N/C
-
Not Connected
12
VDD
-
Power
13
VSS
-
Ground
14
XTALOUT
OUT
Buffered Crystal Output
15
VCLK
OUT
Video Clock Output
16
XTAL1
IN
Reference input clock from system
Absolute Maximum Ratings
Ambient Temperature
under bias
0
°C to 70 °C
Storage temperature
-40
°C to 125 °C
Voltage on all inputs
and outputs with
respect to VSS
0.3 to 7 Volts
Note: Stresses above those listed under Absolute Maximum
Rating may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
section of the specifications is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect product reliability.
Standard Test Conditions
The characteristics below apply for the following standard test
conditions, unless otherwise noted. All voltages are referenced
to VSS (OV Ground). Positive current flows into the referenced
pin.
Operating Temperature
range
0
°C to 70 °C
Power supply voltage
4.75 to 5.25 Volts
ICS2495
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com