Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS2495 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS2495
Description  Dual Video/Memory Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2495 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS2495 Datasheet HTML 1Page - Integrated Circuit Systems ICS2495 Datasheet HTML 2Page - Integrated Circuit Systems ICS2495 Datasheet HTML 3Page - Integrated Circuit Systems ICS2495 Datasheet HTML 4Page - Integrated Circuit Systems ICS2495 Datasheet HTML 5Page - Integrated Circuit Systems ICS2495 Datasheet HTML 6Page - Integrated Circuit Systems ICS2495 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dual Video/Memory Clock Generator
Integrated
Circuit
Systems, Inc.
ICS2495
Notes:
1. ICS2495M(SOIC) pinout is identical to ICS2495N(DIP).
Pin Configuration
XTAL2
1
16
XTAL1
EXTFREQ
2
15
VCLK
FS0
3
14
XTALOUT
FS1
4
13
VSS
STROBE
5
12
VDD
FS2
6
11
N/C
FS3
7
10
MCLK
MS0
8
9
MS1
16-Pin DIP or SOIC
Features
•• Low cost - eliminates need for multiple crystal clock
oscillators in video display subsystems
•• Mask-programmable frequencies
•• Pre-programmed versions for Industry Standard VGA
chips
•• Glitch-free frequency transitions
•• Internal clock remains locked when the external frequency
input is selected
•• Low power CMOS device technology
•• Small footprint - 16-pin DIP or SOIC
•• Buffered Xtal Out
•• Integral Loop Filter components
•• Fast acquisition of selected frequencies, strobed or non-
strobed
•• Guaranteed performance up to 135 MHz
•• Excellent power supply rejection
•• Advanced PLL for low phase-jitter
•• Frequency change detection circuitry enhances new fre-
quency acquisition and eliminates problems caused by
programs that rewrite frequency information
Description
The ICS2495 Clock Generator is an integrated circuit dual
phase-locked loop frequency synthesizer capable of generating
16 video frequencies and 4 memory clock frequencies for use
with high performance video display systems. Utilizing CMOS
technology to implement all linear, digital and memory func-
tions, the ICS2495 provides a low-power, small-footprint,
low-cost solution to the generation of video dot clocks. Outputs
are compatible with XGA, VGA, EGA, MCGA, CGA, MDA,
as well as the higher frequencies needed for advanced applica-
tions in desktop publishing and workstation graphics. Provi-
sion is made via a single level custom mask to implement
customer specific frequency sets. Phase-locked loop circuitry
permits rapid glitch-free transitions between clock frequencies.
In addition to providing 16 clock rates, the ICS2495 has
provisions to multiplex an externally-generated signal source
into the VCLK signal path. Internal phase-locked frequencies
continue to remain locked at their preset values when this mode
is selected. This feature permits instantaneous transition from
an external frequency to an internally-generated frequency.
Printed circuit board testing is simplified by the use of these modes
as an external clock generated by the ATE tester can be fed
through, permitting synchronous testing of the entire system.
ICS2595RevA090694


Similar Part No. - ICS2495

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS2402M ICST-ICS2402M Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS2402MLF ICST-ICS2402MLF Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS2402MLFT ICST-ICS2402MLFT Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
ICS2402MT ICST-ICS2402MT Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
More results

Similar Description - ICS2495

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS1567 ICST-ICS1567 Datasheet
161Kb / 11P
Differential Output Video Dot Clock Generator
RevB090894
ICS90C65 ICST-ICS90C65 Datasheet
360Kb / 10P
Dual Voltage Video/Memory Clock Generator
RevA111095
logo
List of Unclassifed Man...
FS6011-02 ETC-FS6011-02 Datasheet
234Kb / 15P
DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
logo
Integrated Circuit Syst...
ICS9222-01 ICST-ICS9222-01 Datasheet
93Kb / 6P
Dual Memory Clock Generator
logo
Cypress Semiconductor
ICD2051 CYPRESS-ICD2051 Datasheet
134Kb / 8P
Dual Programmable Clock Generator
logo
Integrated Device Techn...
ICS9222-01 IDT-ICS9222-01 Datasheet
98Kb / 6P
Dual Memory Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV_15 Datasheet
1Mb / 25P
Clock Generator for Audio/Video Equipment
BU2360FV ROHM-BU2360FV_15 Datasheet
1Mb / 22P
Clock Generator for Audio/Video Equipment
BU2362FV ROHM-BU2362FV Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
BU2363FV ROHM-BU2363FV_15 Datasheet
1Mb / 23P
Clock Generator for Audio/Video Equipment
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com