Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS307
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS307 Datasheet HTML 1Page - Integrated Circuit Systems ICS307 Datasheet HTML 2Page - Integrated Circuit Systems ICS307 Datasheet HTML 3Page - Integrated Circuit Systems ICS307 Datasheet HTML 4Page - Integrated Circuit Systems ICS307 Datasheet HTML 5Page - Integrated Circuit Systems ICS307 Datasheet HTML 6Page - Integrated Circuit Systems ICS307 Datasheet HTML 7Page - Integrated Circuit Systems ICS307 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
2
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
Pin Assignment
Pin Description
Type: XI, XO=crystal connections, I = Input, O = output, P = power supply connection
Number
Name
Type Description
1
X1/ICLK
XI
Crystal connection (REF frequency). Connect to a parallel resonant crystal, or an input clock .
2
NC
-
No Connect.
3
VDD
P
Connect to +3.3V or +5V.
4
NC
-
No Connect.
5
GND
P
Connect to ground.
6
CLK2
O
Output clock 2, determined by F0-F1. Can be reference, ref/2, CLK1/2 or off.
7
NC
-
No Connect.
8
SCLK
I
Serial clock. See timing diagram.
9
STROBE
I
Strobe to load data. See timing diagram.
10
NC
-
No Connect.
11
CLK1
O
Output clock 1, determined by R0-R6, V0-V8, S0-S2 and input frequency.
12
DATA
I
Data Input. Serial input for three words which set the output clock(s).
13
PDTS
I
Powers down entire chip, tri-states CLK1 and CLK2 outputs, when low. Internal pull-up.
14
NC
-
No Connect.
15
NC
-
No Connect.
16
X2
XO Input crystal connection. Connect to a crystal, or leave unconnected for clock input.
1
8
2
3
4
7
6
5
X1/ICLK
X2
VDD
16 pin Narrow
(0.150”) SOIC
DATA
CLK2
CLK1
NC
NC
NC
NC
NC
NC
GND
SCLK
STROBE
PDTS
16
15
14
13
12
11
10
9
ICS307



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com