Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS307
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS307 Datasheet HTML 1Page - Integrated Circuit Systems ICS307 Datasheet HTML 2Page - Integrated Circuit Systems ICS307 Datasheet HTML 3Page - Integrated Circuit Systems ICS307 Datasheet HTML 4Page - Integrated Circuit Systems ICS307 Datasheet HTML 5Page - Integrated Circuit Systems ICS307 Datasheet HTML 6Page - Integrated Circuit Systems ICS307 Datasheet HTML 7Page - Integrated Circuit Systems ICS307 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
4
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
Setting the Device Characteristics
The tables below show the settings which can be configured, in addition to the VCO and Reference dividers.
CLK1
Maximum
Max. Freq.
S2
S1
S0
Output Frequency
Industrial
Divide 5 V or 3.3 V
Version
0
0
0
10
40
36
0
0
1
2
200
180
0
1
0
8
50
45
0
1
1
4
100
90
1
0
0
5
80
72
1
0
1
7
55
50
1
1
0
3
135
120
1
1
1
6
67
60
Table 1. Output Divide and
Maximum Output Frequency
Table 2. CLK2 Output
TTL
Duty cycle measured at
Recommended VDD
0
1.4V
5 V
1
VDD/2
3.3 V
Table 3. Output Duty Cycle Configuration
C1
C0
VDD = 5 V
VDD = 3.3 V
0
0
22.3 - 0.083 f
22.1 - 0.094 f
0
1
23.1 - 0.093 f
22.9 - 0.108 f
1
0
23.7 - 0.106 f
23.5 - 0.120 f
1
1
24.4 - 0.120 f
24.2 - 0.135 f
Table 4. Crystal Load Capacitance
Note: f is the crystal frequency, between 10 and
27 MHz. Effective load capacitance will be higher
for crystal frequencies lower than 10 MHz. If a
clock input is used, set C1 = 0 and C0 = 0.
Note: The TTL bit optimizes the duty cycle at
different VDD. When VDD is 5 V, set to 0
for a near-50% duty cycle with TTL levels.
When VDD is 3.3 V, set this bit to a 1, so the
50% duty cycle is achieved at VDD/2.
F1
F0
CLK2
0
0
REF
0
1
REF/2
1
0
OFF (Low)
1
1
CLK1/2
0 = Connect directy to ground
1 = Connect directly to VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com