Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS307
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS307 Datasheet HTML 1Page - Integrated Circuit Systems ICS307 Datasheet HTML 2Page - Integrated Circuit Systems ICS307 Datasheet HTML 3Page - Integrated Circuit Systems ICS307 Datasheet HTML 4Page - Integrated Circuit Systems ICS307 Datasheet HTML 5Page - Integrated Circuit Systems ICS307 Datasheet HTML 6Page - Integrated Circuit Systems ICS307 Datasheet HTML 7Page - Integrated Circuit Systems ICS307 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
5
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
MSB
LSB
R6:R0
Reference Divider Word (RDW)
V8:V0
VCO Divider Word (VDW)
S2:S0
Output Divider Select (OD)
F1:F0
Function of CLK2 Output
TTL
Duty Cycle Setting
C1:C0
Internal Load Capacitance for Crystal
MSB
LSB
MSB
LSB
C1 C0 TTL F1 F0
S2
S1
S0
Configuring the ICS307
The ICS307 can be programmed to set the output functions and frequencies. The three data bytes are
written to the DATA pin, in this order:
V8 V7 V6 V5 V4 V3 V2 V1
V0 R6 R5 R4 R3 R2 R1 R0
C1 is loaded into the port first and R0 last.
Programming Example
To generate 66.66 MHz from a 14.31818 MHz input, the RDW should be 59, the VDW should be 276,
and the Output Divide is 2. Selecting the minimum internal load capacitance, CMOS duty cycle, and CLK2
to be OFF means that the following three bytes are sent to the ICS307:
00110001
10001010
00111011
Byte 1
Byte 2
Byte 3
As shown in Figure 2, after these 24 bits are clocked into the ICS307, taking STROBE high will send this data
to the internal latch, and the CLK output will lock within 10 ms.
NOTE: If STROBE is in the high state and SCLK is pulsed, DATA is clocked directly to the internal latch
and the output conditions will change accordingly. Although this will not damage the ICS307, it is
recommended that STROBE be kept low while DATA is being clocked into the ICS307 in order to avoid
unintended changes on the output clocks.
Power up default values for ICS 307-02
0
0
1
0
0
0
1
1
0
0
0
0
0
1
0
0
0
0
0
0
0
1
1
0
The input frequency will come from both outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com