Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS307
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS307 Datasheet HTML 1Page - Integrated Circuit Systems ICS307 Datasheet HTML 2Page - Integrated Circuit Systems ICS307 Datasheet HTML 3Page - Integrated Circuit Systems ICS307 Datasheet HTML 4Page - Integrated Circuit Systems ICS307 Datasheet HTML 5Page - Integrated Circuit Systems ICS307 Datasheet HTML 6Page - Integrated Circuit Systems ICS307 Datasheet HTML 7Page - Integrated Circuit Systems ICS307 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
3
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
Determining the Output Frequency
On power-up the ICS307-01 on-chip registers can have random values, so almost any frequency may be
output from the part. CLK1 will always have some clock signal present, but CLK2 could possibly be OFF
(low).
The ICS307-02 on-chip registers are initially configured to provide a x1 output clock on both the CLK1
and CLK2 outputs. The output frequency will be the same as the input clock or crystal. This is useful if
the ICS307 will provide the initial system clock at power-up. Since this feature is an advantage in most
systems, the ICS307-02 is recommended for new designs.
With programming, the user has full control in changing the desired output frequency to any value over the
range shown in Table 1 on page 4. The output of the ICS307 can be determined by the following simple
equation:
To determine the best combination of VCO, reference, and output dividers, contact ICS application
engineering. You may also fax this page to ICS at 408 295 9818(fax). Be sure to indicate the following:
Your Name ________________ Company Name___________________ Telephone_________________
Respond by e-mail (list your e-mail address) __________________or fax number ___________________
Desired input crystal_______ or clock_______ (in MHz) Desired output frequency_______________
REF Output_______VDD = 3.3V or 5V _______ Duty Cycle: 40-60% _____ or 45-55% required____
CLK1 frequency = Input frequency • 2 •
(VDW+8)
(RDW+2)(OD)
Also, the following operating ranges should be observed:
55 MHz < Input frequency • 2 •
(VDW+8)
(RDW+2)
< 400 MHz
200 kHz <
Input Frequency
(RDW+2)
Where
VCO Divider Word (VDW) = 4 to 511 (0, 1, 2, 3 are not permitted)
Reference Divider Word (RDW) = 1 to 127 (0 is not permitted)
Output Divider = values on page 4
Commercial temperature range.
Industrial temperature limits are
60 MHz to 360 MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com