Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS307 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS307
Description  Serially Programmable Clock Source
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS307 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS307 Datasheet HTML 1Page - Integrated Circuit Systems ICS307 Datasheet HTML 2Page - Integrated Circuit Systems ICS307 Datasheet HTML 3Page - Integrated Circuit Systems ICS307 Datasheet HTML 4Page - Integrated Circuit Systems ICS307 Datasheet HTML 5Page - Integrated Circuit Systems ICS307 Datasheet HTML 6Page - Integrated Circuit Systems ICS307 Datasheet HTML 7Page - Integrated Circuit Systems ICS307 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ICS307
Serially Programmable Clock Source
MDS 307 D
1
Revision 042501
Integrated Circuit Systems, Inc. • 525 Race Street • San Jose •CA•95126•(408) 295-9800tel •www.icst.com
• Packaged as 16 pin narrow SOIC
• Highly accurate frequency generation
• Serially programmable: user determines
the output frequency via a 3 wire interface.
• Eliminates need for custom quartz
• Input crystal frequency of 5 - 27 MHz
• Output clock frequencies up to 200 MHz
• Power Down Tri-State mode
• Very low jitter
• Operating voltages of 3.0 to 5.5 V
• 25 mA drive capability at TTL levels
• Industrial temperature available
The ICS307-01 and ICS307-02 are versatile
serially programmable clock sources which take
up very little board space.
They can generate any frequency from 6 to
200 MHz, and have a second configurable
output. The outputs can be reprogrammed on
the fly, and will lock to a new frequency in 10 ms
or less. Smooth transitions (in which the clock
duty cycle remains roughly 50%) are guaranteed
if the output divider is not changed.
The devices include a PDTS pin which tri-states
the output clocks and powers down the entire
chip.
The ICS307-02 features a default clock output
at start-up and is recommended for all new
designs.
Block Diagram
Description
Features
Crystal or
clock input
X1/ICLK
X2
Reference
Divider
Phase Comparator,
Charge Pump,
and Loop Filter
Crystal
Oscillator
VCO
Divider
VCO
Output
Buffer
VDD GND
CLK1
Output
Buffer
CLK2
R6:R0
V8:V0
S2:S0
3
9
7
Output
Divider
Function
Select
F1:F0
2
2
3
2
C1:C0
S2:S0
F1:F0
TTL
TTL
C1:C0
SCLK
Shift
Register
DATA
STROBE
PDTS


Similar Part No. - ICS307

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
ICS307-02 ICST-ICS307-02 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
More results

Similar Description - ICS307

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9110 ICST-AV9110 Datasheet
267Kb / 10P
Serially Programmable Frequency Generator
Rev F 5/30/00
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 121304
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
Revision 101705
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
ICS307-03 RENESAS-ICS307-03 Datasheet
326Kb / 15P
SERIALLY PROGRAMMABLE CLOCK SOURCE
032911
AV9110 RENESAS-AV9110 Datasheet
650Kb / 12P
Serially Programmable Frequency Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com