Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS5342 Datasheet HTML 8Page - Integrated Circuit Systems ICS5342 Datasheet HTML 9Page - Integrated Circuit Systems ICS5342 Datasheet HTML 10Page - Integrated Circuit Systems ICS5342 Datasheet HTML 11Page - Integrated Circuit Systems ICS5342 Datasheet HTML 12Page - Integrated Circuit Systems ICS5342 Datasheet HTML 13Page - Integrated Circuit Systems ICS5342 Datasheet HTML 14Page - Integrated Circuit Systems ICS5342 Datasheet HTML 15Page - Integrated Circuit Systems ICS5342 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
ICS5342
GENDAC
12
Microprocessor Interface
Below are listed the six microprocessor interface registers
within the ICS5342, and the register addresses through which
they can be accessed.
Asynchronous Access to Microprocessor Interface
Accesses to all registers may occur without reference to the
high speed timing of the pixel bit stream being processed by
the GENDAC. Data transfers between the color palette RAM
and the Color Value register, as well as modifications to the
Pixel Mask register, are synchronized to the Pixel Clock by
internal logic. This is done in the period between micropro-
cessor interface accesses. Thus, various minimum periods are
specified between microprocessor interface accesses to allow
the appropriate transfers or modifications to take place. Ac-
cess to PLL address, PLL parameter and to the command reg-
ister are asynchronous to the pixel clock.
The contents of the palette RAM can be accessed via the Col-
or Value register and the Pixel Address registers.
Writing to the color palette RAM
To set a new color definition, a value specifying a location in
the color palette RAM is first written to the Write mode Pixel
Address register. The values for the red, green and blue inten-
sities are then written in succession to the Color Value regis-
ter. After the blue data is written to the Color Value register,
the new color definition is transferred to the RAM, and the
Pixel Address register is automatically incremented.
Writing new color definitions to a set of consecutive locations
in the RAM is made easy by this auto-incrementing feature.
First, the start address of the set of locations is written to the
write mode Pixel Address register, followed by the color def-
inition of that location. Since the address is incremented after
each color definition is written, the color definition for the
next location can be written immediately. Thus, the color def-
initions for consecutive locations can be written sequentially
to the Color Value register without re-writing to the Pixel Ad-
dress register each time.
Reading from the RAM
To read a color definition, a value specifying the location in
the palette RAM to be read is written to the read mode Pixel
Address register. After this value has been written, the con-
tents of the location specified are copied to the Color Value
register, and the Pixel Address register automatically incre-
ments.
The red, green and blue intensity values can be read by a se-
quence of three reads from the Color Value register. After the
blue value has been read, the location in the RAM currently
specified by the Pixel Address register is copied to the Color
Value register and the Pixel Address again automatically in-
crements. A set of color values in consecutive locations can be
read simply by writing the start address of the set to the read
mode Pixel Address register and then sequentially reading the
color values for each location in the set. Whenever the Pixel
Address register is updated, any unfinished color definition
read or write is aborted and a new one may begin.
The Pixel Mask Register
The pixel address used to access the RAM through the pixel
interface is the result of the bitwise AND-ing of the incoming
pixel address and of the contents of the Pixel Mask register.
This pixel masking process can be used to alter the displayed
colors without altering the video memory or the RAM con-
tents. By partitioning the color definitions by one or more bits
in the pixel address, such effects as rapid animation, overlays,
and flashing objects can be produced.
The Pixel Mask register is independent of the Pixel Address
and Color Value registers.
The Command Register
The Command register is used to select the various GENDAC
color modes and to set the power down mode. On power up
this register defaults to an 8-bit Pseudo Color mode. This reg-
ister can be accessed by control pins RS2-RS0, or by a special
sequence of events for graphics subsystems that do not have
the control signal RS2. For graphic systems that do not have
RS2, this pin is tied low and an internal flag (HF: Hidden
Flag) is set when the pixel mask register is read four times
Memory Clock (CLK1) Default Frequency Register
fn
MCLK
(MHz)
M & N
Code
Comments
fA
45.00
4F 2B
Memory and GUI sub-
system clock
fB
55.00
79 2E
Memory and GUI sub-
system clock
Microprocessor Interface Registers
RS2
RS1
RS0
Register Name
0
0
0
Pixel Address (write mode)
0
1
1
Pixel Address (read mode)
0
0
1
Color Value
0
1
0
Pixel Mask
1
0
0
PLL Address (write mode)
1
0
1
PLL Parameter
1
1
0
Command
1
1
1
PLL Address (read mode)
0/HF
1
0
Command Register accessed by
(hidden) flag after special
sequence of events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com