Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS5342 Datasheet HTML 1Page - Integrated Circuit Systems ICS5342 Datasheet HTML 2Page - Integrated Circuit Systems ICS5342 Datasheet HTML 3Page - Integrated Circuit Systems ICS5342 Datasheet HTML 4Page - Integrated Circuit Systems ICS5342 Datasheet HTML 5Page - Integrated Circuit Systems ICS5342 Datasheet HTML 6Page - Integrated Circuit Systems ICS5342 Datasheet HTML 7Page - Integrated Circuit Systems ICS5342 Datasheet HTML 8Page - Integrated Circuit Systems ICS5342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ICS5342
GENDAC
3
CLK1
11
Output
Memory clock output – used to time video memory
CLK0
8
Output
Video clock output – provides a CMOS level pixel or dot clock frequency to
graphics controller – output frequency is determined by values of PLL registers
CS0
2
Input
Clock select 0 – The status of CS0-1 determines which frequency is selected on
the CLK0 (video) output.
CS1
3
Input
Clock select 1– status of CS0-1 determines which frequency is selected on CLK0
(video) output
VREF
46
I/O
Internal reference voltage – normally connects to a 0.1
µf capacitor to ground – to
use external Vref, connect 1.235V reference to this pin
RSET
42
Input
Resistor set – pin used to set current level in analog outputs – usually connected
through 1/4W, 1% resistor to ground
SENSE*
68
Output
Monitor sense – Pin is active low when any of red, green, or blue outputs >385mV.
Sense output is high when all analog outputs are < 275 mV. Chip has on-board
comparators and internal 1.235 V voltage reference. This signal is used to detect
monitor type.
BLUE
GREEN
RED
40
38
37
Output
Output
Output
Color signals from DAC analog outputs – Each DAC comprises several current
sources of which outputs are added together according to the applied binary value.
The outputs are typically used to drive a CRT monitor.
P15- P0
13,12,4,1
,
67-64,
58-51
Input
Pixel address lines – Byte-wide information is latched by the rising edge of PCLK
when using the color palette, and is masked by the Pixel Mask register. Values are
used to specify the RAM word address in default mode (accessing RAM). In Hi-
Color XGA, and True Color modes, they represent color data for the DACs.
Ground inputs if they are not used.
PCLK
59
Input
Pixel Clock – rising edge of PCLK controls latching of the Pixel Address and
BLANK* inputs – clock also controls progress of these values through the three-
stage pipeline of the Color Palette RAM, DAC, and outputs
STROBE*
6
Input
latches input clock select signals CS0-CS1
BLANK*
7
Input
Composite BLANK* Signal, active low. When BLANK* is asserted, outputs of
DACs are zero which blacks screen. DACs are automatically powered down to
save current during blanking. Color palette may still be updated through D0-D7
during blanking.
CVDD
9
-
CLK1 Power Supply – connect to DVDD
CVDD
27
-
CLK0 power supply – connect to AVDD
AVDD
41
-
DAC power supply – Connect to AVDD
DVDD
43
-
Digital power supply
XVDD
50
-
Crystal oscillator power supply– connect to AVDD
CVDD
61
-
CLK power supply – connect to DVDD
CGND
10
-
VSS for CLK1 – connect to ground.
CGND
26
-
VSS for CLK0 – connect to ground
XGND
47
-
VSS for crystal oscillator
AGND
36
-
DAC ground – connect to ground
DGND
44
-
Digital ground – connect to ground
CGND
60
-
VSS for CLK – connect to ground
N/C
28-35,
39,45,
62
-
Not connected – leave floating or tie to ground
Pin Description (68-pin PLCC)
Symbol
Pin #
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com