Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS5342 Datasheet HTML 12Page - Integrated Circuit Systems ICS5342 Datasheet HTML 13Page - Integrated Circuit Systems ICS5342 Datasheet HTML 14Page - Integrated Circuit Systems ICS5342 Datasheet HTML 15Page - Integrated Circuit Systems ICS5342 Datasheet HTML 16Page - Integrated Circuit Systems ICS5342 Datasheet HTML 17Page - Integrated Circuit Systems ICS5342 Datasheet HTML 18Page - Integrated Circuit Systems ICS5342 Datasheet HTML 19Page - Integrated Circuit Systems ICS5342 Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ICS5342
GENDAC
16
lined to the DAC. The pipeline delay from input to DAC out-
put is three PCLK cycles. Each color is 5-bit wide as shown
below. This mode is selected by setting bits CR7-CR4 to
0011.
3LSB = set to zero
Mode 6: (16-bit pixel interface, 16-bit per color bypass XGA
mode) In this mode input P0-P15 are the color data and are in-
put directly to the DAC bypassing the color palette. The data
is latched by the rising edge of PCLK and is pipelined to the
DAC. The pipeline delay, from input to DAC output, is three
PCLK cycles. In this mode Blue and Red colors are 5 bits
wide, and Green is 6 bits wide. This mode is selected by set-
ting bits CR7-CR4 to 0101.
2LSB = set to zero (GREEN)
3LSB = set to zero (BLUE, RED)
Mode 7: (16-bit pixel interface, 24-bit per color bypass
TRUE color mode) In this mode inputs P0-P15 are the color
data and are input directly to the DAC bypassing the color pal-
ette. Two words are latched on two successive rising edge of
PCLK to form the 24-bit DAC input. The first word and the
lower byte of the second word form the 24-bit pixel input to
the DAC. The higher byte of the second word is ignored. The
low and high word synchronization is internally done by the
rising edge of BLANK*. The pipeline delay from latching of
the first word to DAC output is 4 cycles and each pixel is two
pixel clocks wide. In this mode, each of the colors are 8-bits
wide and the DAC is 8-bit wide DAC. The first byte is Blue
followed by Green and Red. This mode is selected by setting
bits CR7-CR4 to 0111.
Mode 8: (16-bit pixel interface packed 24-bit per color bypass
TRUE color mode) In this mode inputs P0-P15 are the color
data and are input directly to the DAC bypassing the color pal-
ette. Three words are latched on three successive rising edges
of PCLK to form two successive 24-bit DAC inputs. The 16-
bit first word and the lower byte of the second word from the
first 24-bit pixel input and the second byte of the second word
with the 16 bits of the third word from the second 24-bit pixel
input. This cycle repeats every three cycles. The three-word
synchronization is internally done by the rising edge of
BLANK*. The pipeline delay from latching of first word to
DAC output is 3 1/2 cycles and each of the colors are 8-bits
wide and DAC is 8-bit wide DAC. The first byte is Blue fol-
lowed by Green and Red. This mode is selected by setting bits
CR7-CR4 to 1001.
15-Bit Color Word - Mode 5
PIXEL WORD
PPPPPPPPPPPPPPPP
1111119876543210
543210
X 7 65547654376543
X
RED
GREEN
BLUE
16-Bit Color Word - Mode 6
PIXEL WORD
PPPPPPPPPPPPPPPP
1111119876543210
543210
7654376543276543
RED
GREEN
BLUE
24-Bit Direct Color Word - Mode 7
FIRST WORD
PPPPPPPPPPPPPPPP
1111119876543210
543210
7654321076543210
GREEN
BLUE
SECOND WORD
PPPPPPPPPPPPPPPP
1111119876543210
543210
XXXXXXXX7 6 5 43210
IGNORED
RED
Packed 24-bit Word - Mode 8
1st DAC Cycle
SECOND WORD
FIRST WORD
PPPPPPPPPPPPPPPPPPPPPPPP
765432101111119876543210
765432105432109876543210
RED
GREEN
BLUE
2nd DAC Cycle
THIRD WORD
SECOND WORD
PPPPPPPP PPPPPPPPPPPPPPPP
111111987 6 5 4321011111198
543210
5 43210
765432107 6 5 4321076543210
RED
GREEN
BLUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com