Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS5342 Datasheet HTML 1Page - Integrated Circuit Systems ICS5342 Datasheet HTML 2Page - Integrated Circuit Systems ICS5342 Datasheet HTML 3Page - Integrated Circuit Systems ICS5342 Datasheet HTML 4Page - Integrated Circuit Systems ICS5342 Datasheet HTML 5Page - Integrated Circuit Systems ICS5342 Datasheet HTML 6Page - Integrated Circuit Systems ICS5342 Datasheet HTML 7Page - Integrated Circuit Systems ICS5342 Datasheet HTML 8Page - Integrated Circuit Systems ICS5342 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Block Schematic
PIXEL
ADR
AND
MASK
COLOR
PALETTE
256 x 18
BIT
24
18
BYPS
MUX
NORM
LATCH
24
COMPARE
TRIPLE
6/8-BIT
DAC
TIMING
GEN.
MUX.
MODE
CTL
8 PLL
PARAMETER &
CLK0 PLL
1 PLL
PARAMETER &
CLK1 PLL
2X
CLK0
CLK1
RED
GREEN
BLUE
RSET
VREF
BUFF.
LATCH
MICRO-
PROCESSOR
INTERFACE
XTAL
OSC
8
16
16
BLANK*
PCLK
P0-P15
D0-D7
WR*
RD*
RS0-RS2
XIN
XOUT
STROBE
CS0-CS2
PCLK
SENSE*
5342_01.ai
General Description
The ICS5342 GENDAC is a combination of dual programma-
ble clock generators, a 256 x 18-bit RAM, and a triple 8-bit
video DAC. The GENDAC supports 8-bit pseudo color appli-
cations, as well as 15-bit, 16-bit, and 24-bit True Color bypass
for high speed, direct access to the DACs.
The RAM makes it possible to display 256 colors selected
from a possible 262,144 colors. The dual clock generators use
Phase Locked Loop (PLL) technology to provide program-
mable frequencies for use in the graphics subsystem. The vid-
eo clock contains 8 frequencies, all of which are
programmable by the user. The memory clock has two pro-
grammable frequency locations.
The three 8-bit DACs on the ICS5342 are capable of driving
singly or doubly-terminated 75
Ω loads to nominal 0 - 0.7
volts at pixel rates up to 135 MHz. Differential and integral
linearity errors are less than 1 LSB over full temperature and
VDD ranges. Monotonicity is guaranteed by design. On-chip
pixel mask register allows displayed colors to be changed in
a single write cycle rather than by modifying the color palette.
ICS is the world leader in all aspects of frequency (clock) gen-
eration for graphics, using patented techniques to produce
low jitter video timing.
Features
•
Triple video DAC, dual clock generator, and 16 bit pixel
port
•
Dynamic mode switch allows switching of color depth
on a pixel by pixel basis
•
24 (packed and sparse), 16, 15, or 8-bit pseudo color
pixel mode supports True Color, Hi-Color, and VGA
modes
•
High speed 256 x 6 x 3 color palette (135 MHz) with
bypass mode and 8-bit DACs
•
Eight programmable video (pixel) clock frequencies
(CLK0)
•
DAC power down in blanking mode
•
Anti-sparkle circuitry
•
On-chip loop filters reduce external components
•
Standard CPU interface
•
Single external crystal (typically 14.318 MHz)
•
Monitor sense
•
Internal voltage reference
•
135 MHz (-3), 110 MHz (-2) & 80 MHz (-1) versions
•
Very low clock jitter
•
Two latched frequency select pins or three non-latched
frequency select pins (programmable)
•
Hardware video checksum for manufacturing tests
ICS5342
GENDAC
16-Bit Integrated Clock-LUT-DAC
REV. 0.9.0


Similar Part No. - ICS5342

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS5342 IDT-ICS5342 Datasheet
1Mb / 35P
16-Bit Integrated Clock-LUT-DAC
logo
Integrated Circuit Syst...
ICS5342ADD ICST-ICS5342ADD Datasheet
82Kb / 1P
Addendum to ICS5342 Data Sheet
More results

Similar Description - ICS5342

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Linear Technology
LTC1668 LINER-LTC1668 Datasheet
728Kb / 16P
16-Bit, 50Msps DAC
logo
Sipex Corporation
SP9316 SIPEX-SP9316 Datasheet
132Kb / 8P
16-Bit CMOS Multiplying DAC
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
16-BIT DAC
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
16-Bit Voltage Output DAC
REV. E
logo
Integrated Device Techn...
ICS5342 IDT-ICS5342 Datasheet
1Mb / 35P
16-Bit Integrated Clock-LUT-DAC
logo
Analog Devices
AD7849BN AD-AD7849BN Datasheet
180Kb / 15P
Serial Input, 14-Bit/16-Bit DAC
REV. B
AD1856 AD-AD1856 Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Texas Instruments
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com