Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS5342 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS5342
Description  16-Bit Integrated Clock-LUT-DAC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS5342 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS5342 Datasheet HTML 4Page - Integrated Circuit Systems ICS5342 Datasheet HTML 5Page - Integrated Circuit Systems ICS5342 Datasheet HTML 6Page - Integrated Circuit Systems ICS5342 Datasheet HTML 7Page - Integrated Circuit Systems ICS5342 Datasheet HTML 8Page - Integrated Circuit Systems ICS5342 Datasheet HTML 9Page - Integrated Circuit Systems ICS5342 Datasheet HTML 10Page - Integrated Circuit Systems ICS5342 Datasheet HTML 11Page - Integrated Circuit Systems ICS5342 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ICS5342
GENDAC
8
Differential output
delay
∆t
CHAV
2
2
2
ns
note G
WR* pulse width low
tWLWH
50
50
50
ns
RD* pulse width low
tRLRH
50
50
50
ns
Register select setup
time
tSVWL
10
10
10
ns
write cycle
Register select setup
time
tSVRL
10
10
10
ns
read cycle
Register select hold
time
tWLSX
10
10
10
ns
write cycle
Register select hold
time
tRLSX
10
10
10
ns
read cycle
WR* data setup time
tDVWH
10
10
10
ns
WR* data hold time
tWHDX
10
10
10
ns
Output turn-on delay
tRLQX
555ns
RD* enable access time
tRLQV
40
40
40
ns
Output hold time
tRHQX
333ns
Output turn-off delay
tRHQZ
20
20
20
ns
note H
Successive write inter-
val
tWHWL1
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
WR* followed by read
interval
tWHRL1
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
Successive read interval
tRHRL1
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
RD* followed by write
interval
tRHWL1
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
WR* after color write
tWHWL2
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
RD* after color write
tWHRL2
4
(tCHCH)
4
(tCHCH)
4
(tCHCH)
cycle
note I
RD* after color read
tRHRL2
8
(tCHCH)
8
(tCHCH)
8
(tCHCH)
cycle
note I
WR* after color read
tRHWL2
8
(tCHCH)
8
(tCHCH)
8
(tCHCH)
cycle
note I
RD* after read address
write
tWHRL3
8
(tCHCH)
8
(tCHCH)
8
(tCHCH)
cycle
note I
SENSE* output delay
tSOD
11
1
µs
XIN input clock rise
time
tXCLKR*
15
15
15
ns
TTL levels
AC Electrical Characteristics (note: J)
Parameter
Symbol
80 MHZ
110MHz
135Mhz
Units
Test
Conditions
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com