Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94203 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS94203
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94203 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS94203 Datasheet HTML 8Page - Integrated Circuit Systems ICS94203 Datasheet HTML 9Page - Integrated Circuit Systems ICS94203 Datasheet HTML 10Page - Integrated Circuit Systems ICS94203 Datasheet HTML 11Page - Integrated Circuit Systems ICS94203 Datasheet HTML 12Page - Integrated Circuit Systems ICS94203 Datasheet HTML 13Page - Integrated Circuit Systems ICS94203 Datasheet HTML 14Page - Integrated Circuit Systems ICS94203 Datasheet HTML 15Page - Integrated Circuit Systems ICS94203 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ICS94203
Electrical Characteristics - CPU
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
1
RDSP2B
VO = VDD*(0.5)
13.5
20
45
Ω
Output Impedance
1
RDSN2B
VO = VDD*(0.5)
13.5
27
45
Ω
Output High Voltage
VOH2B
IOH = -1 mA
22.5
V
Output Low Voltage
VOL2B
IOL = 1 mA
0.18
0.4
V
VOH @ MIN = 1.0 V
-51
-27
VOH @ MAX = 2.375 V
-27
-11
VOL @ MIN = 1.2 V
27
41
VOL @ MAX = 0.3 V
15
30
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
0.4
1
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
0.4
1
1.6
ns
Duty Cycle
1
dt2B
VT = 1.25 V
45
49
55
%
Skew window
1
tsk2B
VT = 1.25 V
40
175
ps
VT = 1.25 V, CPU=66 MHz
245
250
VT = 1.25 V, CPU=100 MHz
160
250
VT = 1.25 V, CPU=133 MHz
290
250
1Guaranteed by design, not 100% tested in production.
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc
mA
mA
Output High Current
Output Low Current
IOH2B
IOL2B
Electrical Characteristics - 3V66
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1B
1
VO = VDD*(0.5)
12
17.4
55
Ω
Output Impedance
RDSN1B
1
VO = VDD*(0.5)
12
22.4
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
3.3
V
Output Low Voltage
VOL1
IOL = 1 mA
0.009
0.55
V
VOH @ MIN = 1.0 V
-68
-29
VOH @ MAX = 3.135 V
-27
-14
VOL @ MIN = 1.95 V
29
77
VOL @ MAX = 0.4 V
24
27
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.4
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.7
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
49
55
%
Skew window
1
tsk1
VT = 1.5 V
35
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
292
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
Output Low Current
mA
mA
IOH1
IOL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com