Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94203 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS94203
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94203 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS94203 Datasheet HTML 9Page - Integrated Circuit Systems ICS94203 Datasheet HTML 10Page - Integrated Circuit Systems ICS94203 Datasheet HTML 11Page - Integrated Circuit Systems ICS94203 Datasheet HTML 12Page - Integrated Circuit Systems ICS94203 Datasheet HTML 13Page - Integrated Circuit Systems ICS94203 Datasheet HTML 14Page - Integrated Circuit Systems ICS94203 Datasheet HTML 15Page - Integrated Circuit Systems ICS94203 Datasheet HTML 16Page - Integrated Circuit Systems ICS94203 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
ICS94203
Electrical Characteristics - IOAPIC
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP4B
1
VO = VDD*(0.5)
9
28
30
Output Impedance
RDSN4B
1
VO = VDD*(0.5)
9
28
30
Output High Voltage
VOH4B
IOH = -1 mA
2
2.4
V
Output Low Voltage
VOL4B
IOL = 1 mA
0.25
0.4
V
VOH @ MIN = 1.0 V
-62
-27
V
OH @ MAX = 2.375 V
-27
-12
VOL @ MIN = 1.2 V
27
35
VOL @ MAX = 0.3 V
8
30
Rise Time
1
t
r4B
V
OL = 0.4 V, VOH = 2.0 V
0.4
1.45
1.6
ns
Fall Time
1
tf4B
VOH = 2.0 V, VOL = 0.4 V
0.40.971.6
ns
Duty Cycle
1
dt4B
V
T = 1.25 V
45
49.3
55
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc4B
VT = 1.25 V
130
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH4B
mA
Output Low Current
IOL4B
mA
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3B
1
VO = VDD*(0.5)
10
16
24
Output Impedance
RDSN3B
1
VO = VDD*(0.5)
10
17.5
24
Output High Voltage
VOH3
IOH = -1 mA
2.4
3.3
V
Output Low Voltage
VOL3
IOL = 1 mA
0.01
0.4
V
VOH @ MIN = 2.0 V
-70
-46
VOH @ MAX = 3.135 V
-54
-29
VOL @ MIN = 1.0 V
54
90
VOL @ MAX = 0.4 V
28
53
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.4
0.9
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.4
0.8
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
49.2
55
%
Skew window
1
tsk3
VT = 1.5 V
83
250
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc3
VT = 1.5 V, CPU=66,100,133 MHz
214
250
ps
1Guaranteed by design, not 100% tested in production.
mA
mA
Output High Current
Output Low Current
IOH3
IOL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com