Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94203 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS94203
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94203 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS94203 Datasheet HTML 5Page - Integrated Circuit Systems ICS94203 Datasheet HTML 6Page - Integrated Circuit Systems ICS94203 Datasheet HTML 7Page - Integrated Circuit Systems ICS94203 Datasheet HTML 8Page - Integrated Circuit Systems ICS94203 Datasheet HTML 9Page - Integrated Circuit Systems ICS94203 Datasheet HTML 10Page - Integrated Circuit Systems ICS94203 Datasheet HTML 11Page - Integrated Circuit Systems ICS94203 Datasheet HTML 12Page - Integrated Circuit Systems ICS94203 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
ICS94203
Note:
1. User needs to ensure step 3 & 7 is carried out. Systems with wrong spread percentage and/or group to group divider ratio
programmed into bytes 16-20 could be unstable. Step 3 & 7 assure the correct spread and gear ratio.
2. If VCO, REF divider values or phase detector stability are out of range, the device may fail to function correctly.
3. Follow min and max VCO frequency range provided. Internal PLL could be unstable if VCO frequency is too fast or too slow.
Use 14.31818MHz x VCO/REF divider values to calculate the VCO frequency (MHz).
4. Users can also utilize software utility provided to program VCO frequency from ICS Application Engineering.
5. Spread percent needs to be calculated based on VCO frequency, spread modulation frequency and spreadamount desired. See
Application note for software support.
Byte 16: Spread Sectrum Control Register
Byte 17: Spread Spectrum Control Register
Note: Please utilize software utility provided by ICS
Application Engineering to configure spread spectrum.
Incorrect spread percentage may cause system failure.
Note: Please utilize software utility provided by ICS
Application Engineering to configure spread spectrum.
Incorrect spread percentage may cause system failure.
Byte 18: Output Dividers Control Register
Byte 19: Output Dividers Control Register
Note: Changing bits in these registers results in frequency
divider ratio changes. Incorrect configuration of
group gear ratio can cause system malfunction.
Note: Changing bits in these registers results in frequency
divider ratio changes. Incorrect configuration of
group gear ratio can cause system malfunction.
Notes:
1. PWD = Power on Default
2. The power on default for byte 16-20 depends on the harware (latch inputs FS[0:4]) or IIC (Byte 0 bit [1:7]) setting. Be sure to read
back and re-write the values of these 5 registers when VCO frequency change is desired for the first pass.
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
7
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
6
t
i
BX
6
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
5
t
i
BX
5
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
4
t
i
BX
4
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
3
t
i
BX
3
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
2
t
i
BX
2
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
1
t
i
BX
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
0
t
i
BX
0
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
5
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
6
t
i
BX
4
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
5
t
i
BX
3
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
4
t
i
BX
2
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
3
t
i
BX
1
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
2
t
i
BX
0
1
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
1
t
i
BX
9
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
0
t
i
BX
8
t
i
B
l
o
r
t
n
o
C
X
U
M
r
e
d
i
v
i
D
t
u
p
t
u
O
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
7
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
6
t
i
BX
6
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
5
t
i
BX
5
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
4
t
i
BX
4
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
3
t
i
BX
3
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
2
t
i
BX
2
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
1
t
i
BX
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
0
t
i
BX
0
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
6
2
t
i
B
l
o
r
t
n
o
c
r
e
d
i
v
i
D
6
t
i
B0
5
2
t
i
B
l
o
r
t
n
o
c
r
e
d
i
v
i
D
5
t
i
BX
4
2
t
i
B
l
o
r
t
n
o
c
r
e
d
i
v
i
D
4
t
i
BX
2
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
3
t
i
BX
1
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
2
t
i
BX
0
1
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
1
t
i
BX
9
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S
0
t
i
BX
8
t
i
B
m
u
r
t
c
e
p
S
d
a
e
r
p
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com