Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94203 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS94203
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94203 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS94203 Datasheet HTML 10Page - Integrated Circuit Systems ICS94203 Datasheet HTML 11Page - Integrated Circuit Systems ICS94203 Datasheet HTML 12Page - Integrated Circuit Systems ICS94203 Datasheet HTML 13Page - Integrated Circuit Systems ICS94203 Datasheet HTML 14Page - Integrated Circuit Systems ICS94203 Datasheet HTML 15Page - Integrated Circuit Systems ICS94203 Datasheet HTML 16Page - Integrated Circuit Systems ICS94203 Datasheet HTML 17Page - Integrated Circuit Systems ICS94203 Datasheet HTML 18Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
ICS94203
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1B
1
VO = VDD*(0.5)
12
17.4
55
Ω
Output Impedance
RDSN1B
1
VO = VDD*(0.5)
12
22.4
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
3.3
V
Output Low Voltage
VOL1
IOL = 1 mA
0.009
0.55
V
VOH @ MIN = 1.0 V
-67
-29
VOH @ MAX = 3.135 V
-27
-14
VOL @ MIN = 1.95 V
29
77
VOL @ MAX = 0.4 V
24
27
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
1.7
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
1.9
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
51
55
%
Skew window
1
tsk1
VT = 1.5 V
213
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
285
500
ps
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH1
mA
Output Low Current
IOL1
mA
Electrical Characteristics - REF, 48MHz
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 10-20 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP5B
1
VO = VDD*(0.5)
15
18
60
Ω
Output Impedance
RDSN5B
1
VO = VDD*(0.5)
15
18.75
60
Ω
Output High Voltage
VOH15
IOH = -1 mA
2.4
3.27
V
Output Low Voltage
VOL5
IOL = 1 mA
0.025
0.4
V
VOH @ MIN = 1.0 V
-76
-33
VOH @ MAX = 3.135 V
-33
-12
VOL @ MIN = 1.95 V
71
29
VOL @ MAX = 0.4 V
27
22
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
0.4
1
4
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
0.4
1.7
4
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
54.1
55
%
1Guaranteed by design, not 100% tested in production.
Output High Current
IOH5
mA
Output Low Current
IOL5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com