Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94203 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS94203
Description  Programmable System Frequency Generator for PII/III?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94203 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS94203 Datasheet HTML 4Page - Integrated Circuit Systems ICS94203 Datasheet HTML 5Page - Integrated Circuit Systems ICS94203 Datasheet HTML 6Page - Integrated Circuit Systems ICS94203 Datasheet HTML 7Page - Integrated Circuit Systems ICS94203 Datasheet HTML 8Page - Integrated Circuit Systems ICS94203 Datasheet HTML 9Page - Integrated Circuit Systems ICS94203 Datasheet HTML 10Page - Integrated Circuit Systems ICS94203 Datasheet HTML 11Page - Integrated Circuit Systems ICS94203 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
ICS94203
Byte 13: ICS Reserved Register
Byte 15: VCO Frequency Control Register
Note: The decimal representation of these 9 bits (Byte 15 bit
[7:0] & Byte 14 bit [7] ) + 8 is equal to the VCO divider value.
For example if VCO divider value of 36 is desired, user need
to program 36 - 8 = 28, namely, 0, 00011100 into byte 15 bit
& byte 14 bit 7.
Note: DON'T write a '1' into this register, it will
cause malfunction.
Byte 14: VCO Frequency Control Register
Note: The decimal representation of these 7 bits (Byte 14
[6:0]) + 2 is equal to the REF divider value .
VCO Programming Constrains
VCO Frequency ...................... 150MHz to 500MHz
VCO Divider Range ................ 8 to 519
REF Divider Range ................. 2 to 129
Phase Detector Stability .......... 0.3536 to 1.4142
Useful Formula
VCO Frequency = 14.31818 x VCO/REF divider value
Phase Detector Stabiliy = 14.038 x (VCO divider value)
-0.5
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
8
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
BX
7
t
i
B
r
e
d
i
v
i
D
O
C
V
5
t
i
BX
6
t
i
B
r
e
d
i
v
i
D
O
C
V
4
t
i
BX
5
t
i
B
r
e
d
i
v
i
D
O
C
V
3
t
i
BX
4
t
i
B
r
e
d
i
v
i
D
O
C
V
2
t
i
BX
3
t
i
B
r
e
d
i
v
i
D
O
C
V
1
t
i
BX
2
t
i
B
r
e
d
i
v
i
D
O
C
V
0
t
i
BX
1
t
i
B
r
e
d
i
v
i
D
O
C
V
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
BX
0
t
i
B
r
e
d
i
v
i
D
O
C
V
6
t
i
BX
6
t
i
B
r
e
d
i
v
i
D
F
E
R
5
t
i
BX
5
t
i
B
r
e
d
i
v
i
D
F
E
R
4
t
i
BX
4
t
i
B
r
e
d
i
v
i
D
F
E
R
3
t
i
BX
3
t
i
B
r
e
d
i
v
i
D
F
E
R
2
t
i
BX
2
t
i
B
r
e
d
i
v
i
D
F
E
R
1
t
i
BX
1
t
i
B
r
e
d
i
v
i
D
F
E
R
0
t
i
BX
0
t
i
B
r
e
d
i
v
i
D
F
E
R
t
i
BD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B0
)
d
e
v
r
e
s
e
R
(
5
t
i
B0
)
d
e
v
r
e
s
e
R
(
4
t
i
B0
t
c
e
l
e
s
e
s
a
b
r
e
m
i
t
0
W
s
m
0
9
2
=
0
s
m
5
.
0
=
1
3
t
i
B0
)
d
e
v
r
e
s
e
R
(
2
t
i
B0
)
d
e
v
r
e
s
e
R
(
1
t
i
B0
)
d
e
v
r
e
s
e
R
(
0
t
i
B0
)
d
e
v
r
e
s
e
R
(
To program the VCO frequency for over-clocking.
0. Before trying to program our clock manually, consider using ICS provided software utilities for easy programming.
1. Select the frequency you want to over-clock from with the desire gear ratio (i.e. CPU:SDRAM:3V66:PCI ratio) by writing to
byte 0, or using initial hardware power up frequency.
2. Write 0001, 0111 (17H) to byte 6 for readback of 23 bytes (byte 0-22).
3. Read back byte 16-24 and copy values in these registers.
4. Re-initialize the write sequence.
5. Write a '1' to byte 8 bit 7 indicating you want to use byte 14 and 15 to control the VCO frequency.
6. Write to byte 14 & 15 with the desired VCO & REF divider values.
7. Write to byte 16 to 22 with the values you copy from step 3. This maintains the output divider mux controls the same gear ratio.
8. The above procedure is only needed when changing the VCO for the 1st pass. If VCO frequency needed to be changed again,
user only needs to write to byte 14 and 15 unless the system is to reboot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com